Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX331 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX331
Description  460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX331 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX331 Datasheet HTML 1Page - Maxim Integrated Products MAX331 Datasheet HTML 2Page - Maxim Integrated Products MAX331 Datasheet HTML 3Page - Maxim Integrated Products MAX331 Datasheet HTML 4Page - Maxim Integrated Products MAX331 Datasheet HTML 5Page - Maxim Integrated Products MAX331 Datasheet HTML 6Page - Maxim Integrated Products MAX331 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
460kbps, 1µA Supply Current,
RS-232-Compatible Transceivers in µMAX
2 _________________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, C1 and C2 = 0.1µF, TA = TMIN to TMAX. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
V- to GND .................................................................+0.3V to -7V
VCC +
|V-|.............................................................................+13V
Input Voltages
TIN, SHDN to GND .................................................-0.3V to +6V
RIN to GND ........................................................................±25V
Output Voltages
TOUT to GND..................................................................±13.2V
ROUT, INVALID to GND .......................…-0.3V to (VCC + 0.3V)
Short-Circuit Duration
TOUT to GND ...........................................................Continuous
Continuous Power Dissipation
10-Pin µMAX (derate 5.6mW/°C above +70°C) .............444mW
Operating Temperature Ranges
MAX331_CUB .......................................................0°C to +70°C
MAX331_EUB ....................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Operation Range
VCC
4.5
5
5.5
V
Supply Current
SHDN = VCC, no load
100
250
µA
Shutdown Supply Current
SHDN = GND (MAX3311 only)
1
10
µA
LOGIC INPUTS (TIN, SHDN)
Input Logic Threshold Low
VIL
0.8
V
Input Logic Threshold High
VIH
2.4
V
Transmitter Input Hysteresis
0.5
V
Input Leakage Current
±0.01
±1
µA
RECEIVER OUTPUT
Output Voltage Low
VOL
IOUT = 1.6mA
0.4
V
Output Voltage High
VOH
IOUT = -1.0mA
VCC -
0.6
VCC -
0.1
V
INVALID OUTPUT (MAX3313 ONLY)
Figure 5, positive threshold
2.7
Receiver Input Threshold to
INVALID Output High
Figure 5, negative threshold
-2.7
V
Receiver Input Threshold to
INVALID Output Low
Figure 5
-0.3
0.3
V
INVALID Output Low
VOL
IOUT = 1.6mA
0.4
V
INVALID Output High
VOH
IOUT = -1.0mA
VCC - 0.6
V
Receiver Positive or Negative
Threshold to
INVALID High
Figure 5
0.1
µs
Receiver Positive or Negative
Threshold to
INVALID Low
Figure 5
30
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com