Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX331 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX331
Description  460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX331 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX331 Datasheet HTML 1Page - Maxim Integrated Products MAX331 Datasheet HTML 2Page - Maxim Integrated Products MAX331 Datasheet HTML 3Page - Maxim Integrated Products MAX331 Datasheet HTML 4Page - Maxim Integrated Products MAX331 Datasheet HTML 5Page - Maxim Integrated Products MAX331 Datasheet HTML 6Page - Maxim Integrated Products MAX331 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
2
3
4
5
10
9
8
7
6
GND
C1+
V-
TOUT
TIN
C1-
VCC
MAX3311
µMAX
TOP VIEW
RIN
ROUT
SHDN
General Description
The MAX3311/MAX3313 are low-power, +5V EIA/TIA-
232-compatible transceivers. Both devices have one
transmitter and one receiver. The transceivers have a
proprietary low-dropout transmitter output stage
enabling RS-232-compatible operation from a +5V sup-
ply with a single inverting charge pump. These devices
require only three 0.1µF capacitors and will run at data
rates up to 460kbps while maintaining RS-232-compati-
ble output levels.
The MAX3311 features a 1µA shutdown mode. In shut-
down the device turns off the charge pump, pulls V- to
ground, and the transmitter output is disabled. The
MAX3313 features an INVALID output that asserts high
when an active RS-232 cable signal is connected, sig-
naling to the host that a peripheral is connected to the
communication port.
________________________Applications
Digital Cameras
PDAs
GPS
POS
Telecommunications
Handy Terminals
Set-Top Boxes
Features
o 1µA Low-Power Shutdown (MAX3311)
o INVALID Output (MAX3313)
o Receiver Active in Shutdown (MAX3311)
o Single Transceiver (1Tx/1Rx) in 10-Pin µMAX
o RS-232-Compatible Operation
460kbps, 1µA Supply Current,
RS-232-Compatible Transceivers in µMAX
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
19-1901; Rev 0; 2/01
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX3311CUB
0
°C to +70°C
10 µMAX
MAX3311EUB
-40
°C to +85°C
10 µMAX
MAX3313CUB
0
°C to +70°C
10 µMAX
MAX3313EUB
-40
°C to +85°C
10 µMAX
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
Typical Operating Circuit
C1
0.1
µF
C2
0.1
µF
CBYPASS
0.1
µF
98
1
10
7
6
3
2
4
5
C1+
V-
TOUT
C1-
TIN
RIN
ROUT
VCC
GND
5k
Ω
SHDN (MAX3311)
INVALID (MAX3313)
+5V
MAX3311
MAX3313
CAPACITORS MAY BE POLARIZED OR NONPOLARIZED.


Similar Part No. - MAX331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX331 MAXIM-MAX331 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3311E-MAX3313E MAXIM-MAX3311E-MAX3313E Datasheet
110Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3311ECUB MAXIM-MAX3311ECUB Datasheet
110Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3311EEUB MAXIM-MAX3311EEUB Datasheet
110Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
More results

Similar Description - MAX331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3188 MAXIM-MAX3188 Datasheet
159Kb / 8P
1Mbps, 1關A RS-232 Transmitters in SOT23-6
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3316 MAXIM-MAX3316 Datasheet
214Kb / 15P
2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX200 MAXIM-MAX200_05 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com