Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX331 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX331
Description  460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX331 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX331 Datasheet HTML 1Page - Maxim Integrated Products MAX331 Datasheet HTML 2Page - Maxim Integrated Products MAX331 Datasheet HTML 3Page - Maxim Integrated Products MAX331 Datasheet HTML 4Page - Maxim Integrated Products MAX331 Datasheet HTML 5Page - Maxim Integrated Products MAX331 Datasheet HTML 6Page - Maxim Integrated Products MAX331 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
460kbps, 1µA Supply Current,
RS-232-Compatible Transceivers in µMAX
_______________________________________________________________________________________
5
Detailed Description
Single Charge-Pump Voltage Converter
The MAX3311/MAX3313 internal power supply has a
single inverting charge pump that provides a negative
voltage from a single +5V supply. The charge pump
operates in a discontinuous mode and requires a flying
capacitor (C1) and a reservoir capacitor (C2) to gener-
ate the V- supply.
RS-232-Compatible Driver
The transmitter is an inverting level translator that con-
verts CMOS-logic levels to EIA/TIA-232-compatible lev-
els. It guarantees data rates up to 460kbps with
worst-case loads of 3k
Ω in parallel with 1000pF. When
SHDN is driven low, the transmitter is disabled and put
into three state. The transmitter input does not have an
internal pullup resistor.
RS-232 Receiver
The MAX3311/MAX3313 receiver converts RS-232 sig-
nals to CMOS-logic output levels. The MAX3311 receiv-
er will remain active during shutdown mode. The
MAX3313 INVALID indicates when an RS-232 signal is
present at the receiver input, and therefore when the
port is in use.
The MAX3313 INVALID output is pulled low when no
valid RS-232 signal level is detected on the receiver
input.
MAX3311 Shutdown Mode
In shutdown mode, the charge pump is turned off, V- is
pulled to ground, and the transmitter output is disabled
(Table 1). This reduces supply current typically to 1µA.
The time required to exit shutdown is typically less than
100µs.
Applications Information
Capacitor Selection
The capacitor type used for C1 and C2 is not critical for
proper operation; either polarized or nonpolarized
capacitors are acceptable. If polarized capacitors are
used, connect polarity as shown in the Typical
Operating Circuit. The charge pump requires 0.1µF
capacitors. Increasing the capacitor values (e.g., by a
factor of 2) reduces power consumption. C2 can be
increased without changing C1’s value. However, do
not increase C1’s value without also increasing the
value of C2 and CBYPASS to maintain the proper ratios
(C1 to the other capacitors).
When using the minimum 0.1µF capacitors, make sure
the capacitance does not degrade excessively with
temperature. If in doubt, use capacitors with a larger
nominal value. The capacitor’s equivalent series resis-
tance (ESR) usually rises at low temperatures and influ-
ences the amount of ripple on V-.
To reduce the output impedance at V-, use larger
capacitors (up to 10µF).
Bypass VCC to ground with at least 0.1µF. In applica-
tions sensitive to power-supply noise generated by the
charge pump, decouple VCC to ground with a capaci-
tor the same size as (or larger than) charge-pump
capacitors C1 and C2.
Transmitter Output when Exiting
Shutdown
Figure 1 shows the transmitter output when exiting
shutdown mode. The transmitter is loaded with 3k
Ω in
parallel with 1000pF. The transmitter output displays no
ringing or undesirable transients as the MAX3311
comes out of shutdown. Note that the transmitter is
enabled only when the magnitude of V- exceeds
approximately -3V.
Table 1. MAX3311 Shutdown Logic Truth
Table
SHDN
TRANSMITTER
OUTPUT
RECEIVER
OUTPUT
CHARGE
PUMP
L
High Z
Active
Inactive
H
Active
Active
Active
Figure 1. Transmitter Output when Exiting Shutdown or
Powering Up
10
µs/div
SHDN
TOUT
5V/div
0
1.5V/div
0
TIN = GND
TIN = VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com