Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX331 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX331
Description  460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX331 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX331 Datasheet HTML 1Page - Maxim Integrated Products MAX331 Datasheet HTML 2Page - Maxim Integrated Products MAX331 Datasheet HTML 3Page - Maxim Integrated Products MAX331 Datasheet HTML 4Page - Maxim Integrated Products MAX331 Datasheet HTML 5Page - Maxim Integrated Products MAX331 Datasheet HTML 6Page - Maxim Integrated Products MAX331 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
460kbps, 1µA Supply Current,
RS-232-Compatible Transceivers in µMAX
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, 0.1µF capacitors, transmitter loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
0
4
2
8
6
12
10
14
0
1000
1500
500
2000
2500
3000
SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
+SLEW
250 kbps DATA RATE
-SLEW
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
500
10001500200025003000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
460kbps/250kbps/120kbps
460kbps/250kbps/120kbps
0
4
2
8
6
12
10
14
0
1000
1500
500
2000
2500
3000
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
20kbps
120kbps
250kbps
460kbps
Pin Description
PIN
MAX3311
MAX3313
NAME
FUNCTION
11
VCC
+5V External Power Supply. Decouple with a 0.1
µF capacitor to ground.
2
2
C1-
Negative Terminal of the Voltage Inverter Charge-Pump Capacitor
3
—
SHDN
Shutdown Active-Low (0 = off, 1 = on)
—
3
INVALID
Valid Signal Detector Output, Active-Low. A logic high indicates that a valid
RS-232 level is present on the receiver input.
4
4
TIN
TTL/CMOS Transmitter Input
5
5
ROUT
TTL/CMOS Receiver Output
6
6
RIN
RS-232 Receiver Input
7
7
TOUT
RS-232-Compatible Transmitter Output
8
8
V-
-4.3V generated by the charge pump. Connect a 0.1
µF capacitor to ground.
9
9
C1+
Positive Terminal of the Voltage Inverter Charge-Pump Capacitor
10
10
GND
Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com