Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX331 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX331
Description  460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX331 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX331 Datasheet HTML 1Page - Maxim Integrated Products MAX331 Datasheet HTML 2Page - Maxim Integrated Products MAX331 Datasheet HTML 3Page - Maxim Integrated Products MAX331 Datasheet HTML 4Page - Maxim Integrated Products MAX331 Datasheet HTML 5Page - Maxim Integrated Products MAX331 Datasheet HTML 6Page - Maxim Integrated Products MAX331 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
460kbps, 1µA Supply Current,
RS-232-Compatible Transceivers in µMAX
_______________________________________________________________________________________
3
Note 1: Not tested—guaranteed by design.
TIMING CHARACTERISTICS
(VCC = +5V, C1 and C2 = 0.1µF, TA = TMIN to TMAX. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF
460
kbps
Receiver Propagation Delay
tPLH,
tPHL
Receiver input to receiver output
CL = 150pF
0.15
µs
Transmitter Skew
100
ns
Receiver Skew
50
ns
Transition Region Slew Rate
RL = 3k
Ω to 7kΩ, CL = 150pF to 1000pF,
measured from +3V to -3V or from -3V to +3V
11
V/µs
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, C1 and C2 = 0.1µF, TA = TMIN to TMAX. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER INPUT
Input Threshold Low
VIL
0.8
V
Input Threshold High
VIH
2.4
V
Input Hysteresis
0.5
V
Input Resistance
5
k
Ω
TRANSMITTER OUTPUT
Output Voltage Swing
Transmitter output loaded with 3k
Ω to
ground
±3.7
V
Output Resistance (Note 1)
VCC = 0, transmitter output =
±2V
300
Ω
Output Short-Circuit Current
±60
mA
Output Leakage Current
VOUT =
±12V, transmitter disabled
±25
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com