Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK341 Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCK341
Description  Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK341 Datasheet(HTML) 5 Page - International Rectifier

  IRMCK341_15 Datasheet HTML 1Page - International Rectifier IRMCK341_15 Datasheet HTML 2Page - International Rectifier IRMCK341_15 Datasheet HTML 3Page - International Rectifier IRMCK341_15 Datasheet HTML 4Page - International Rectifier IRMCK341_15 Datasheet HTML 5Page - International Rectifier IRMCK341_15 Datasheet HTML 6Page - International Rectifier IRMCK341_15 Datasheet HTML 7Page - International Rectifier IRMCK341_15 Datasheet HTML 8Page - International Rectifier IRMCK341_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
IRMCK341
www.irf.com
© 2007 International Rectifier
5
1 Overview
IRMCK341 is a new International Rectifier integrated circuit device primarily designed as a one-
chip solution for complete inverter controlled appliance motor control applications. Unlike a
traditional microcontroller or DSP, the IRMCK341 provides a built-in closed loop sensorless
control algorithm using the unique Motion Control Engine (MCETM) for permanent magnet motors.
The MCETM consists of a collection of control elements, motion peripherals, a dedicated motion
control sequencer and dual port RAM to map internal signal nodes. IRMCK341 also employs a
unique single shunt current reconstruction circuit to eliminate additional analog/digital circuitry and
enables a direct shunt resistor interface to the IC. Motion control programming is achieved using a
dedicated graphical compiler integrated into the MATLAB/SimulinkTM development environment.
Sequencing, user interface, host communication, and upper layer control tasks can be
implemented in the 8051 high-speed 8-bit microcontroller. The 8051 microcontroller is equipped
with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows a typical application
schematic using the IRMCK341.
IRMCK341 is intended for volume production purpose and contains 64K bytes of OTP (One Time
Programming) ROM, which can be programmed through a JTAG port. For a development
purpose use, IRMCF341 contains a 48k byte of RAM in place of program OTP to facilitate an
application development work. Both IRMCF341 and IRMCK341 come in the same 64-pin QFP
package with identical pin configuration to facilitate PC board layout and transition to mass
production
IRMCK341
Multiple
Output
Power
Supply
IRS2336D
HVIC
Upto 24 Digital
Input/Output
I2C Interface
to EEPROM
7 Analog Input
Appliance Inverter
3.3
V
1.8
V
Passive
EMI
Filter
UART interface
to Front Panel
Motor
(PMSM)
Figure 1.
Typical Application Block Diagram Using IRMCK341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com