Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK341 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCK341
Description  Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK341 Datasheet(HTML) 1 Page - International Rectifier

  IRMCK341_15 Datasheet HTML 1Page - International Rectifier IRMCK341_15 Datasheet HTML 2Page - International Rectifier IRMCK341_15 Datasheet HTML 3Page - International Rectifier IRMCK341_15 Datasheet HTML 4Page - International Rectifier IRMCK341_15 Datasheet HTML 5Page - International Rectifier IRMCK341_15 Datasheet HTML 6Page - International Rectifier IRMCK341_15 Datasheet HTML 7Page - International Rectifier IRMCK341_15 Datasheet HTML 8Page - International Rectifier IRMCK341_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev 1.0
Data Sheet No. PD60339
IRMCK341
Sensorless Motor Control IC for Appliances
Features
MCE
TM (Motion Control Engine) - Hardware based
computation engine for high efficiency sinusoidal
sensorless control of permanent magnet AC motor
Supports both interior and surface permanent
magnet motors
Built-in hardware peripheral for single shunt
current feedback reconstruction
No external current or voltage sensing operational
amplifier required
Three/two-phase Space Vector PWM
Three-channel analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
JTAG programming port for emulation/debugger
Serial communication interface (UART)
I
2C/SPI serial interface
Watchdog timer with independent analog clock
Three general purpose timers/counters
Two special timers: periodic timer, capture timer
Internal ‘One-Time Programmable’ (OTP) memory
and internal RAM for final production usage
Pin compatible with IRMCF341, RAM version
1.8V/3.3V CMOS
Product Summary
Maximum crystal frequency
60 MHz
Maximum internal clock (SYSCLK) frequency
128 MHz
Maximum 8051 clock frequency
33 MHz
Sensorless control computation time
11 μsec typ
MCE
TM computation data range
16 bit signed
8051 OTP Program memory
56K bytes
MCE program and Data RAM
8K bytes
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency counter
16 bits/ SYSCLK
A/D input channels
8
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
8051 instruction execution speed
2 SYSCLK
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6K bps
Number of I/O (max)
24
Package (lead-free)
QFP64
Operating temperature
-40°C ~ 85°C
Description
IRMCK341 is a high performance OTP based motion control IC designed primarily for appliance applications. IRMCK341 is
designed to achieve low cost and high performance control solutions for advanced inverterized appliance motor control.
IRMCK341 contains two computation engines. One is Motion Control Engine (MCE
TM) for sensorless control of permanent
magnet motors; the other is an 8-bit high-speed microcontroller (8051). Both computation engines are integrated into one
monolithic chip. The MCE
TM contains a collection of control elements such as Proportional plus Integral, Vector rotator, Angle
estimator, Multiply/Divide, Low loss SVPWM, Single Shunt IFB. The user can program a motion control algorithm by
connecting these control elements using a graphic compiler. Key components of the sensorless control algorithms, such as the
Angle Estimator, are provided as complete pre-defined control blocks implemented in hardware. A unique analog/digital circuit
and algorithm to fully support single shunt current reconstruction is also provided. The 8051 microcontroller performs 2-cycle
instruction execution (16MIPS at 33MHz). The MCE and 8051 microcontroller are connected via dual port RAM to process
signal monitoring and command input. An advanced graphic compiler for the MCE
TM is seamlessly integrated into the
MATLAB/Simulink environment, while third party JTAG based emulator tools are supported for 8051 developments.
IRMCK341 comes with a small QFP64 pin lead-free package.


Similar Part No. - IRMCK341_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341TR IRF-IRMCK341TR Datasheet
642Kb / 36P
Sensorless Motor Control IC for Appliances
IRMCK341TY IRF-IRMCK341TY Datasheet
642Kb / 36P
Sensorless Motor Control IC for Appliances
More results

Similar Description - IRMCK341_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
Sensorless Motor Control IC for Appliances
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK311 IRF-IRMCK311_15 Datasheet
671Kb / 36P
Dual Channel Sensorless Motor Control IC
IRMCK343 IRF-IRMCK343_15 Datasheet
659Kb / 35P
Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com