Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK341 Datasheet(PDF) 9 Page - International Rectifier

Part # IRMCK341
Description  Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK341 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMCK341_15 Datasheet HTML 5Page - International Rectifier IRMCK341_15 Datasheet HTML 6Page - International Rectifier IRMCK341_15 Datasheet HTML 7Page - International Rectifier IRMCK341_15 Datasheet HTML 8Page - International Rectifier IRMCK341_15 Datasheet HTML 9Page - International Rectifier IRMCK341_15 Datasheet HTML 10Page - International Rectifier IRMCK341_15 Datasheet HTML 11Page - International Rectifier IRMCK341_15 Datasheet HTML 12Page - International Rectifier IRMCK341_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
IRMCK341
www.irf.com
© 2007 International Rectifier
9
4 Input/Output of IRMCK341
All I/O signals of IRMCK341 are shown in Figure 4. All I/O pins are 3.3V logic interface except
A/D interface pins.
IRMCK341
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
GATEKILL
IFB+
IFB-
IFBO
AIN0
AIN1
PWM gate signal
Interface
A/D Interface
Discrete I/O
JTAG port
UART
Interface
XTAL0
XTAL1
Crystal
D/A Interface
(PWM output)
RESET
System Reset
AIN2
AIN3
AVDD (1.8V)
AVSS
CMEXT
VDD1 (3.3V)
VDD2 (1.8V)
VSS
Digital power/
ground
TSTMOD
Test Mode
(must be tied to VSS)
PLLVDD (1.8V)
PLLVSS
PLL power/
ground
P1.2/TXD
P1.1/RXD
SDA/CS0
SCL/SO-SI/VPP
P1.4/CAP
P1.0/T2
P1.5
P1.6
P1.7
P2.0/NMI
P1.3/SYNC/SCK
P3.0/INT2/CS1
P2.1
P2.2
P2.3
P2.4
P2.5
P3.2/INT0
P3.3/INT1
P3.5/T1
I2C
Interface
& OTP power
P5.3/TDI
TCK
P5.1/TMS
P5.2/TDO
P2.6/AOPWM0
P2.7/AOPWM1
P3.1/AOPWM2
AIN4
AIN5
AIN6
AREF
Analog power/
ground
Figure 4.
Input/Output of IRMCK341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com