Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK341 Datasheet(PDF) 6 Page - International Rectifier

Part # IRMCK341
Description  Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK341 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRMCK341_15 Datasheet HTML 2Page - International Rectifier IRMCK341_15 Datasheet HTML 3Page - International Rectifier IRMCK341_15 Datasheet HTML 4Page - International Rectifier IRMCK341_15 Datasheet HTML 5Page - International Rectifier IRMCK341_15 Datasheet HTML 6Page - International Rectifier IRMCK341_15 Datasheet HTML 7Page - International Rectifier IRMCK341_15 Datasheet HTML 8Page - International Rectifier IRMCK341_15 Datasheet HTML 9Page - International Rectifier IRMCK341_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
IRMCK341
www.irf.com
© 2007 International Rectifier
6
2 IRMCK341 Block Diagram and Main Functions
IRMCK341 block diagram is shown in Figure 2.
Figure 2.
IRMCK341 Internal Block Diagram
IRMCK341 contains the following functions for sensorless AC motor control applications:
• Motion Control Engine (MCETM)
o
Proportional plus Integral block
o
Low pass filter
o
Differentiator and lag (high pass filter)
o
Ramp
o
Limit
o
Angle estimate (sensorless control)
o
Inverse Clark transformation
o
Vector rotator
o
Bit latch
o
Peak detect
o
Transition
o
Multiply-divide (signed and unsigned)
8bit
CPU
Core
Motion Control
Sequencer
Motion
Control
Modules
Dual Port
RAM
512 Bytes
*
MCE
Program
RAM
5.5KBytes*
Local
RAM
2KBytes
*
Program
OTP ROM
64KBytes
A/D
MUX
S/H
&
OP Amp
D/A
(PWM)
Timer
Counnter0
Watchdog
Timer
UART0
PORT 1
6
Low Loss
SVPWM
CGATEKILL
To IGBT
gate drive
MCE (Motion Control Engine)
Monitoring
Host
Interface
Digital
I/Os
8051 Microcontroller
AIN1
JTAG
Emulator
Debugger
4
PLL
2
Crystal
(4MHz)
120MHz
(8)
PORT 2
PORT 3
3
Timer
Counnter1
Timer
Counnter2
Periodic
Timer
Interrupt
Control
Single Shunt
Current
Sensing
shunt
resistor
UART1
PORT 4
3
I2C / SPI
EEPROM
Interface
* Sizes are
configurable
DC bus volt
sensing
(8)
(5)
(3)
2
2/4
Clock
divider
MCE Clock
8051
Clock
AIN6
AIN3
AIN4
AIN5
AIN2
Analog
inputs
AIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com