Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK341 Datasheet(PDF) 12 Page - International Rectifier

Part # IRMCK341
Description  Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK341 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRMCK341_15 Datasheet HTML 8Page - International Rectifier IRMCK341_15 Datasheet HTML 9Page - International Rectifier IRMCK341_15 Datasheet HTML 10Page - International Rectifier IRMCK341_15 Datasheet HTML 11Page - International Rectifier IRMCK341_15 Datasheet HTML 12Page - International Rectifier IRMCK341_15 Datasheet HTML 13Page - International Rectifier IRMCK341_15 Datasheet HTML 14Page - International Rectifier IRMCK341_15 Datasheet HTML 15Page - International Rectifier IRMCK341_15 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
IRMCK341
www.irf.com
© 2007 International Rectifier
12
AIN5
Input, Analog input channel 5 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN6
Input, Analog input channel 6 (0 – 1.2V), needs to be pulled down to
AVSS if unused
4.4
Power Interface Group
VDD1
Digital power for I/O (3.3V)
VDD2
Digital power for core logic (1.8V)
VSS
Digital common
PLLVDD
PLL power (1.8V)
PLLVSS
PLL ground return
4.5
Test Interface Group
TSTMOD
Must be tied to VSS, used only for factory testing.
P5.1/TSM
Input/output port 5.1, configured as JTAG port by default
P5.2/TDO
Input/output port 5.2, configured as JTAG port by default
P5.3/TDI
Input/output port 5.3, configured as JTAG port by default
TCK
Input, JTAG test clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com