Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARGCT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCT Datasheet(HTML) 47 Page - Texas Instruments

Back Button UCD3138ARGCT Datasheet HTML 43Page - Texas Instruments UCD3138ARGCT Datasheet HTML 44Page - Texas Instruments UCD3138ARGCT Datasheet HTML 45Page - Texas Instruments UCD3138ARGCT Datasheet HTML 46Page - Texas Instruments UCD3138ARGCT Datasheet HTML 47Page - Texas Instruments UCD3138ARGCT Datasheet HTML 48Page - Texas Instruments UCD3138ARGCT Datasheet HTML 49Page - Texas Instruments UCD3138ARGCT Datasheet HTML 50Page - Texas Instruments UCD3138ARGCT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
Vdd
I BIAS
To ADC Mux
On/Off Control
AD00,
AD01
pin
Resistor to
set PMBus
Address
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
Where bin(VAD0x) is the address bin for one of 12 address as shown in Figure 6-18.
Figure 6-18. PMBus Address Detection Method
6.10.3 General Purpose ADC12
The ADC12 is a 12 bit, high speed analog to digital converter, equipped with the following options:
•
Typical conversion speed of 267 ksps
•
Conversions can consist from 1 to 16 ADC channel conversions in any desired sequence
•
Post conversion averaging capability, ranging from 4X, 8X, 16X or 32X samples
•
Configurable triggering for ADC conversions from the following sources: firmware, DPWM rising edge,
ADC_EXT_TRIG pin or Analog Comparator results
•
Interrupt capability to embedded processor at completion of ADC conversion
•
Six digital comparators on the first 6 channels of the conversion sequence using either raw ADC data
or averaged ADC data
•
Two 10 µA current sources for excitation of PMBus addressing resistors
•
Dual sample and hold for accurate power measurement
•
Internal temperature sensor for temperature protection and monitoring
The control module ADC12 Contol Block Diagram contains the control and conversion logic for auto-
sequencing a series of conversions. The sequencing is fully configurable for any combination of 16
possible ADC channels through an analog multiplexer embedded in the ADC12 block. Once converted,
the selected channel value is stored in the result register associated with the sequence number. Input
channels can be sampled in any desired order or programmed to repeat conversions on the same channel
multiple times during a conversion sequence. Selected channel conversions are also stored in the result
registers in order of conversion, where the result 0 register is the first conversion of a 16-channel
sequence and result 15 register is the last conversion of a 16-channel sequence. The number of channels
converted in a sequence can vary from 1 to 16.
Unlike EADC0 through EADC2, which are primarily designed for closing high speed compensation loops,
the ADC12 is not usually used for loop compensation purposes. The EADC converters have a
substantially faster conversion rate, thus making them more attractive for closed loop control. The ADC12
features make it best suited for monitoring and detection of currents, voltages, temperatures and faults.
Please see the Typical Characteristics plots for the temperature variation associated with this function.
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
47
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com