Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARGCT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCT Datasheet(HTML) 28 Page - Texas Instruments

Back Button UCD3138ARGCT Datasheet HTML 24Page - Texas Instruments UCD3138ARGCT Datasheet HTML 25Page - Texas Instruments UCD3138ARGCT Datasheet HTML 26Page - Texas Instruments UCD3138ARGCT Datasheet HTML 27Page - Texas Instruments UCD3138ARGCT Datasheet HTML 28Page - Texas Instruments UCD3138ARGCT Datasheet HTML 29Page - Texas Instruments UCD3138ARGCT Datasheet HTML 30Page - Texas Instruments UCD3138ARGCT Datasheet HTML 31Page - Texas Instruments UCD3138ARGCT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
The registers and bit definitions inside the system and peripheral blocks are detailed in the programmer’s
guide for each peripheral.
6.3.2
Boot ROM
The UCD3138A incorporates a 4k boot ROM. This boot ROM includes support for:
•
Program download through the PMBus
•
Device initialization
•
Examining and modifying registers and memory
•
Verifying and executing program FLASH automatically
•
Jumping to a customer defined boot program
The Boot ROM is entered automatically on device reset. It initializes the device and then performs
checksums on the Program FLASH. If the first 2 kB of program FLASH has a valid checksum, the
program jumps to location 0 in the Program FLASH. This permits the use of a customer boot program. If
the first checksum fails, it performs a checksum on the complete 32 kB of program flash. If this is valid, it
also jumps to location 0 in the program flash. This permits full automated program memory checking,
when there is no need for a custom boot program.
If neither checksum is valid, the Boot ROM stays in control, and accepts commands via the PMBus
interface
These functions can be used to read and write to all memory locations in the UCD3138. Typically they are
used to download a program to Program Flash, and to command its execution
6.3.3
Customer Boot Program
As described above, it is possible to generate a user boot program using 2 kB or more of the program
flash. This can support things which the Boot ROM does not support, including:
•
Program download via UART – useful especially for applications where the UCD3138A is isolated from
the host (for example, PFC)
•
Encrypted download – useful for code security in field updates.
6.3.4
Flash Management
The UCD3138A offers a variety of features providing for easy prototyping and easy flash programming. At
the same time, high levels of security are possible for production code, even with field updates. Standard
firmware will be provided for storing multiple copies of system parameters in data flash. This is minimizes
the risk of losing information if programming is interrupted.
6.4
System Module
The System Module contains the interface logic and configuration registers to control and configure all the
memory, peripherals and interrupt mechanisms. The blocks inside the system module are the address
decoder, memory management controller, system management unit, central interrupt unit, and clock
control unit.
6.4.1
Address Decoder (DEC)
The Address Decoder generates the memory selects for the FLASH, ROM and RAM arrays. The memory
map addresses are selectable through configurable register settings. These memory selects can be
configured from 1 kB to 16 MB. Power on reset uses the default addresses in the memory map for ROM
execution, which is then configured by the ROM code to the application setup. During access to the DEC
registers, a wait state is asserted to the CPU. DEC registers are only writable in the ARM privilege mode
for user mode protection.
28
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com