Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARGCT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCT Datasheet(HTML) 52 Page - Texas Instruments

Back Button UCD3138ARGCT Datasheet HTML 48Page - Texas Instruments UCD3138ARGCT Datasheet HTML 49Page - Texas Instruments UCD3138ARGCT Datasheet HTML 50Page - Texas Instruments UCD3138ARGCT Datasheet HTML 51Page - Texas Instruments UCD3138ARGCT Datasheet HTML 52Page - Texas Instruments UCD3138ARGCT Datasheet HTML 53Page - Texas Instruments UCD3138ARGCT Datasheet HTML 54Page - Texas Instruments UCD3138ARGCT Datasheet HTML 55Page - Texas Instruments UCD3138ARGCT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
EXT CAP
AD02
400
Digital
RSHARE
250
3.3 V
ISHARE
ADC12 and
CMP
ESD
ESD
250
3. 2 k
ESD
AD13
3.3V
SW2
SW1
SW3
3.3 V
ADC12 and
CMP
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
•
AD02 has a special ESD protection mechanism that prevents the pin from pulling down the current-
share bus if power is missing from the UCD3138A
The simplified current sharing circuitry is shown in the drawing below:
Figure 6-21. Simplified Current Sharing Circuitry
FOR TEST ONLY,
CURRENT SHARING MODE
CS_MODE
EN_SW1
EN_SW2
DPWM
ALWAYS KEEP 00
Off or Slave Mode (3-state)
00
00 (default)
0
0
0
PWM Bus
00
01
1
0
ACTIVE
Off or Slave Mode (3-state)
00
10
0
0
0
Analog Bus or Master
00
11
0
1
0
The period and the duty of 8-bit PWM current source and the state of the SW1 and SW2 switches can be
controlled through the current sharing control register (CSCTRL).
6.18 Temperature Reference
The temperature reference register (TEMPREF) provides the ADC12 count when ADC12 measures the
internal temperature sensor (channel 14) during the factory trim and calibration.
This information can be used by different periodic temperature compensation routines implemented in the
firmware. But it should not be overwritten by firmware, otherwise this factory written value will be lost.
52
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com