Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARGCT Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCT Datasheet(HTML) 67 Page - Texas Instruments

Back Button UCD3138ARGCT Datasheet HTML 63Page - Texas Instruments UCD3138ARGCT Datasheet HTML 64Page - Texas Instruments UCD3138ARGCT Datasheet HTML 65Page - Texas Instruments UCD3138ARGCT Datasheet HTML 66Page - Texas Instruments UCD3138ARGCT Datasheet HTML 67Page - Texas Instruments UCD3138ARGCT Datasheet HTML 68Page - Texas Instruments UCD3138ARGCT Datasheet HTML 69Page - Texas Instruments UCD3138ARGCT Datasheet HTML 70Page - Texas Instruments UCD3138ARGCT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
8
Device and Documentation Support
8.1
Device Support
8.1.1
Development Support
TI offers an extensive line of development tools, including tools to evaluate the performance of the
processors, generate code, develop algorithm implementations, and fully integrate and debug software
and hardware modules. The tool's support documentation is electronically available within the Code
Composer Studio™ Integrated Development Environment (IDE).
The following products support development of the your device device applications:
Software Development Tools: Code Composer Studio™ Integrated Development Environment (IDE):
including Editor C/C++/Assembly Code Generation, and Debug plus additional development tools
Scalable, Real-Time Foundation Software (DSP/BIOS™), which provides the basic run-time target
software needed to support any your device device application.
Hardware Development Tools: Extended Development System (XDS™) Emulator
For a complete listing of development-support tools for the your device platform, visit the Texas
Instruments website at www.ti.com. For information on pricing and availability, contact the nearest TI field
sales office or authorized distributor.
8.1.1.1
Tools and Documentation
The application firmware for UCD3138A is developed on Texas Instruments Code Composer Studio
(CCS) integrated development environment (v6.x recommended).
Device programming, real time debug and monitoring/configuration of key device parameters for certain
power topologies are all available through Texas Instruments’ FUSION_DIGITAL_POWER_DESIGNER
Graphical User Interface (http://www.ti.com/tool/fusion_digital_power_designer).
The
FUSION_DIGITAL_POWER_DESIGNER
software
application
uses
the
PMBus
protocol
to
communicate with the device over a serial bus using an interface adaptor known as the USB-TO-GPIO,
available as an EVM from Texas Instruments (http://www.ti.com/tool/usb-to-gpio). PMBUS-based real-time
debug capability is available through the ‘Memory Debugger’ tool within the Device GUI module of the
FUSION_DIGITAL_POWER_DESIGNER GUI, which represents a powerful alternative over traditional
JTAG-based approaches.
The software application can also be used to program the devices, with a version of the tool known as
FUSION_MFR_GUI optimized for manufacturing environments (http://www.ti.com/tool/fusion_mfr_gui).
The FUSION_MFR_GUI tool supports multiple devices on a board, and includes built-in logging and
reporting capabilities.
In terms of reference documentation, the following 3 programmer’s manuals are available offering detailed
information regarding the application and usage of UCD3138A digital controller:
1. UCD3138A Digital Power Peripheral Programmer's Manual Key topics covered in this manual include:
–
Digital Pulse Width Modulator (DPWM)
–
Modes of Operation (Normal/Multi/Phase-shift/Resonant and so forth)
–
Automatic Mode Switching
–
DPWMC, Edge Generation and Intra-Mux
–
Front End
–
Analog Front End
–
Error ADC or EADC
–
Front End DAC
–
Ramp Module
–
Successive Approximation Register Module
–
Filter
Copyright © 2015, Texas Instruments Incorporated
Device and Documentation Support
67
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com