Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARGCT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCT Datasheet(HTML) 55 Page - Texas Instruments

Back Button UCD3138ARGCT Datasheet HTML 51Page - Texas Instruments UCD3138ARGCT Datasheet HTML 52Page - Texas Instruments UCD3138ARGCT Datasheet HTML 53Page - Texas Instruments UCD3138ARGCT Datasheet HTML 54Page - Texas Instruments UCD3138ARGCT Datasheet HTML 55Page - Texas Instruments UCD3138ARGCT Datasheet HTML 56Page - Texas Instruments UCD3138ARGCT Datasheet HTML 57Page - Texas Instruments UCD3138ARGCT Datasheet HTML 58Page - Texas Instruments UCD3138ARGCT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
7.2.1
Design Requirements
Table 7-2. Input Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ALL SPECIFICATIONS at Vin=400V and 25°C AMBIENT UNLESS OTHERWISE NOTED.
Vin
Input voltage range
Normal Operating
350
385
420
V
Vinmax
Max input voltage
Continuous
420
V
Iin
Input current
Vin=350V, Full Load
1.15
A
Istby
Input no load current
Output current is 0A
30
mA
Von
Vin Decreasing (input voltage is detected on secondary side)
340
V
Undervoltage lockout
Vhys
Vin Increasing
360
V
Table 7-3. Output Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ALL SPECIFICATIONS at Vin=400V and 25°C AMBIENT UNLESS OTHERWISE NOTED.
VO
Output voltage setpoint
No load on outputs
12
V
Regline
Line regulation
All outputs; 360
≤ Vin ≤ 420; IO = IOmax
0.5%
Regload
Load regulation
All outputs; 0
≤ IO ≤ IOmax; Vin = 400 V
1%
Vn
Ripple and noise(1)
5 Hz to 20 MHz
100
mVpp
IO
Output current
0
30
A
η
Efficiency at phase-shift mode
Vo = 12 V, Io = 15 A
93%
η
Efficiency at PWM ZVS mode
Vo = 12 V, Io = 15 A
93%
η
Efficiency at hard switching mode
Vo = 12 V, Io = 15 A
90%
Vadj
Output adjust range
11.4
12.6
V
Transient response
Vtr
50% load step at 1 AµS, min load at 2 A
±0.36
V
overshoot/undershoot
tsettling
Transient response settling time
100
µS
tstart
Output rise time
10% to 90% of Vout
50
mS
Overshoot
At startup
2%
fs
Switching frequency
Over Vin and IO ranges
150
kHz
Ishare
Current sharing accuracy
50% - Full load
±5%
φ
Loop phase margin
10% - Full load
45
°
G
Loop gain margin
10% - Full load
10
dB
(1)
Ripple and noise are measured with 10-µF Tantalum capacitor and 0.1-µF ceramic capacitor across output.
7.2.2
Detailed Design Procedure
7.2.2.1
PCMC (Peak Current Mode Control) PSFB (Phase-Shifted Full Bridge) Hardware Configuration
Overview
The hardware configuration of the UCD3138A PCMC PSFB converter contains two critical elements that
are highlighted in the subsequent sections.
•
DPWM initialization - This section will highlight the key register settings and considerations necessary
for the UCD3138A to generate the correct MOSFET waveforms for this topology. This maintains the
proper phase relationship between the MOSFETs and synchronous rectifiers as well as the proper set
up required to function correctly with PCMC.
•
PCMC initialization - This section will discuss the register settings and hardware considerations
necessary to modulate the DPWM pins with PCMC and internal slope compensation.
Copyright © 2015, Texas Instruments Incorporated
Application, Implementation, and Layout
55
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com