Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786REAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX786REAI Datasheet HTML 5Page - Maxim Integrated Products MAX786REAI Datasheet HTML 6Page - Maxim Integrated Products MAX786REAI Datasheet HTML 7Page - Maxim Integrated Products MAX786REAI Datasheet HTML 8Page - Maxim Integrated Products MAX786REAI Datasheet HTML 9Page - Maxim Integrated Products MAX786REAI Datasheet HTML 10Page - Maxim Integrated Products MAX786REAI Datasheet HTML 11Page - Maxim Integrated Products MAX786REAI Datasheet HTML 12Page - Maxim Integrated Products MAX786REAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
_______________________________________________________________________________________
9
A synchronous rectifier at LX3 keeps efficiency high by
clamping the voltage across the rectifier diode.
Maximum current limit is set by an external low-value
sense resistor, which prevents excessive inductor cur-
rent during start-up or under short-circuit conditions.
Programmable soft-start is set by an optional external
capacitor; this reduces in-rush surge currents upon
start-up and provides adjustable power-up times for
power-supply sequencing purposes.
P
+5V LDO
LINEAR
REGULATOR
V+
VL
REF
SHDN
GND
+3.3V
REFERENCE
ON
3.3V
5V
4V
2.8V
SYNC
300kHz/200kHz
OSCILLATOR ON
STANDBY
4.5V
FAULT
ON
3.3V
PWM
CONTROLLER
(SEE FIG. 3)
FB3
CS3
BST3
DH3
LX3
DL3
SS3
FB5
CS5
BST5
DH5
LX5
DL5
SS5
PGND
ON3
5V
PWM
CONTROLLER
(SEE FIG. 3)
ON
D1
D2
1.65V
1.65V
ON5
VH
Q1
Q2
Figure 2. MAX786 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com