Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786REAI Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX786REAI Datasheet HTML 12Page - Maxim Integrated Products MAX786REAI Datasheet HTML 13Page - Maxim Integrated Products MAX786REAI Datasheet HTML 14Page - Maxim Integrated Products MAX786REAI Datasheet HTML 15Page - Maxim Integrated Products MAX786REAI Datasheet HTML 16Page - Maxim Integrated Products MAX786REAI Datasheet HTML 17Page - Maxim Integrated Products MAX786REAI Datasheet HTML 18Page - Maxim Integrated Products MAX786REAI Datasheet HTML 19Page - Maxim Integrated Products MAX786REAI Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
______________________________________________________________________________________
17
_________________EV Kit Information
The MAX786 evaluation kit (EV kit) embodies the
standard application circuit, with some extra pull-
up and pull-down resistors needed to set default logic
signal levels. The board comes configured to accept
battery input voltages between 6.5V and 30V, and pro-
vides up to 25W of output power. All functions are con-
trolled by standard CMOS/TTL logic levels or DIP
switches. The kit can be reconfigured for lower battery
voltages by setting the oscillator to 200kHz and
increasing the 5V output filter capacitor value.
The D1 and D2 comparators can be used as precision
voltage detectors by installing resistor dividers at each
input.
Figure 7. MAX786 EV Kit Top Component Layout and Silk
Screen, Top View
Figure 8. MAX786 EV Kit Ground Plane (Layers 2 and 3),
Top View
Figure 9. MAX786 EV Kit Top Layer (Layer 1), Top View
1.0"
1.0"
1.0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com