Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786REAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX786REAI Datasheet HTML 1Page - Maxim Integrated Products MAX786REAI Datasheet HTML 2Page - Maxim Integrated Products MAX786REAI Datasheet HTML 3Page - Maxim Integrated Products MAX786REAI Datasheet HTML 4Page - Maxim Integrated Products MAX786REAI Datasheet HTML 5Page - Maxim Integrated Products MAX786REAI Datasheet HTML 6Page - Maxim Integrated Products MAX786REAI Datasheet HTML 7Page - Maxim Integrated Products MAX786REAI Datasheet HTML 8Page - Maxim Integrated Products MAX786REAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
200
µs/div
ILOAD = 100mA
VIN = 10V
IDLE MODE WAVEFORMS
+5V OUTPUT
50mV/div
2V/div
Dual-Output Power-Supply
Controller for Notebook Computers
_______________________________________________________________________________________
5
500ns/div
+5V OUTPUT CURRENT = 1A
VIN= 16V
PULSE-WIDTH MODULATION MODE WAVEFORMS
LX 10V/div
+5V OUTPUT
50mV/div
200
µs/div
VIN = 15V
+3.3V LOAD-TRANSIENT RESPONSE
+3.3V OUTPUT
50mV/div
3A
0A
LOAD CURRENT
200
µs/div
VIN = 15V
+5V LOAD-TRANSIENT RESPONSE
+5V OUTPUT
50mV/div
3A
0A
LOAD CURRENT
_________________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com