Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786REAI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX786REAI Datasheet HTML 11Page - Maxim Integrated Products MAX786REAI Datasheet HTML 12Page - Maxim Integrated Products MAX786REAI Datasheet HTML 13Page - Maxim Integrated Products MAX786REAI Datasheet HTML 14Page - Maxim Integrated Products MAX786REAI Datasheet HTML 15Page - Maxim Integrated Products MAX786REAI Datasheet HTML 16Page - Maxim Integrated Products MAX786REAI Datasheet HTML 17Page - Maxim Integrated Products MAX786REAI Datasheet HTML 18Page - Maxim Integrated Products MAX786REAI Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
______________________________________________________________________________________
15
Be sure to select output capacitors that satisfy both
the minimum capacitance and maximum ESR require-
ments. To achieve the low ESR required, it may be
appropriate to use a capacitance value 2 or 3 times
larger than the calculated minimum.
The output ripple in continuous-current mode is:
VOUT(RPL) = ILPP(MAX) x (ESRCF + 1/(2 x π x f x CF) ).
In idle-mode, the ripple has a capacitive and resistive
component:
(4) (10-4) (L)
VOUT(RPL)(C) = ——————— x
(RCS2) (CF)
1
1
(———+————— ) Volts
VOUT
VIN - VOUT
(0.02) (ESRCF)
VOUT(RPL)(R) = ———————- Volts
RCS
The total ripple, VOUT(RPL), can be approximated as
follows:
if VOUT(RPL)(R) < 0.5 VOUT(RPL)(C),
then VOUT(RPL) = VOUT(RPL)(C),
otherwise, VOUT(RPL) = 0.5 VOUT(RPL)(C) +
VOUT(RPL)(R).
Diodes D1 and D3
Use 1N5819s or similar Schottky diodes. D1 and D3
conduct only about 3% of the time, so the 1N5819’s
1A current rating is conservative. The voltage rating
of D1 and D3 must exceed the maximum input supply
voltage from the battery. These diodes must
be Schottky diodes to prevent the lossy MOSFET
body diodes from turning on, and they must be
placed physically close to their associated synchro-
nous rectifier MOSFETs.
Soft-Start Capacitors (C8, C9)
A capacitor connected from GND to either SS pin
causes that supply to ramp up slowly. The ramp time to
full current limit, tSS, is approximately 1ms for every nF
of capacitance on SS_, with a minimum value of 10µs.
Typical capacitor values are in the 10nF to 100nF
range; a 5V rating is sufficient.
Because this ramp is applied to the current-limit circuit,
the actual time for the output voltage to ramp up
depends on the load current and output capacitor
value. Using Figure 1’s circuit with a 2A load and no SS
capacitor, full output voltage is reached about 600µs
after ON_ is driven high.
Boost Capacitors (C4, C5)
Capacitors C4 and C5 store the boost voltage and pro-
vide the supply for the DH3 and DH5 drivers. Use 0.1µF
and place each within 10mm of the BST_ and LX_ pins.
Boost Diodes (D1A, D1B)
Use high-speed signal diodes; e.g., 1N4148 or
equivalent.
Bypass Capacitors
Input Filter Capacitors (C1, C10)
Use at least 3µF/W of output power for the input filter
capacitors, C1 and C10. They should have less than
150m
Ω ESR, and should be located no further than
10mm from N1 and N2 to prevent ringing. Connect the
negative terminals directly to PGND. Do not exceed the
surge current ratings of input bypass capacitors.
Shutdown Mode
Shutdown (SHDN = low) forces both PWMs off and dis-
ables the REF output and both comparators (Q1 = Q2
= 0V). Supply current in shutdown mode is typically
25µA. The VL supply remains active and can source
25mA for external loads. Note that the VL load capabili-
ty is higher in shutdown and standby modes than when
the PWMs are operating (25mA vs. 5mA). Standby
mode is achieved by holding ON3 and ON5 low while
SHDN is high. This disables both PWMs, but keeps VL,
REF, and the precision comparators alive. Supply current
in standby mode is typically 70µA.
MAX786
KELVIN SENSE TRACES
SENSE RESISTOR
MAIN CURRENT PATH
FAT, HIGH-CURRENT TRACES
Figure 5. Kelvin Connections for the Current-Sense Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com