Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786REAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX786REAI Datasheet HTML 3Page - Maxim Integrated Products MAX786REAI Datasheet HTML 4Page - Maxim Integrated Products MAX786REAI Datasheet HTML 5Page - Maxim Integrated Products MAX786REAI Datasheet HTML 6Page - Maxim Integrated Products MAX786REAI Datasheet HTML 7Page - Maxim Integrated Products MAX786REAI Datasheet HTML 8Page - Maxim Integrated Products MAX786REAI Datasheet HTML 9Page - Maxim Integrated Products MAX786REAI Datasheet HTML 10Page - Maxim Integrated Products MAX786REAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
_______________________________________________________________________________________
7
PIN
NAME
FUNCTION
1
CS3
Current-sense input for +3.3V; +100mV = current limit level referenced to FB3.
2
SS3
Soft-start input for +3.3V. Ramp time to full current limit is 1ms/nF of capacitance to GND.
3
ON3
ON/OFF control input disables the +3.3V PWM. Tie directly to VL for automatic start-up.
4
D1
#1 level-translator/comparator noninverting input, threshold = +1.650V. Controls Q1. Tie to GND if unused.
5
D2
#2 level-translator/comparator noninverting input (see D1)
6
VH
External positive supply-voltage input for the level translators/comparators
7
Q2
#2 level-translator/comparator output. Sources 20µA from VH when D2 is high. Sinks 500µA to GND
when D2 is low, even with VH = 0V.
8
Q1
#1 level translator/comparator output (see Q2)
9
GND
Low-current analog ground
10
REF
3.3V reference output. Sources up to 5mA for external loads. Bypass to GND with 1µF/mA of load or
0.22µF minimum.
11
SYNC
Oscillator control/synchronization input. Connect to VL or GND for 200kHz; connect to REF for
300kHz. For external clock synchronization in the 240kHz to 350kHz range, a high-to-low transition
causes a new cycle to start.
12
SHDN
Shutdown control input, active low. Tie to VL for automatic start-up. The 5V VL supply stays active in
shutdown, but all other circuitry is disabled. Do not force SHDN higher than VL + 0.3V.
13
ON5
ON/OFF control input disables the +5V PWM supply. Tie to VL for automatic start-up.
14
SS5
Soft-start control input for +5V. Ramp time to full current limit is 1ms/nF of capacitance to GND.
15
CS5
Current-sense input for +5V; +100mV = current-limit level referenced to FB5.
16
DH5
Gate-drive output for the +5V high-side MOSFET
17
LX5
Inductor connection for the +5V supply
18
BST5
Boost capacitor connection for the +5V supply (0.1µF)
19
DL5
Gate-drive output for the +5V low-side MOSFET
20
PGND
Power ground
21
FB5
Feedback and current-sense input for the +5V PWM
22
VL
5V logic supply voltage for internal circuitry. VL is always on and can source 5mA for external loads.
23
V+
Supply voltage input from battery, 5.5V to 30V
24
DL3
Gate-drive output for the +3.3V low-side MOSFET
25
BST3
Boost capacitor connection for the +3.3V supply (0.1µF)
26
LX3
Inductor connection for the +3.3V supply
27
DH3
Gate-drive output for the +3.3V high-side MOSFET
28
FB3
Feedback and current-sense input for the +5V PWM
_______________________________________________________________________Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com