Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX604 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX604 Datasheet HTML 2Page - CML Microcircuits FX604 Datasheet HTML 3Page - CML Microcircuits FX604 Datasheet HTML 4Page - CML Microcircuits FX604 Datasheet HTML 5Page - CML Microcircuits FX604 Datasheet HTML 6Page - CML Microcircuits FX604 Datasheet HTML 7Page - CML Microcircuits FX604 Datasheet HTML 8Page - CML Microcircuits FX604 Datasheet HTML 9Page - CML Microcircuits FX604 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
6
D/604/3
1.5.2
Mode Control Logic
The FX604's operating mode is determined by the logic levels applied to the M0 and M1 input pins:
M1
M0
Rx Mode
Tx Mode
Data Retime[1]
0
0
1200bits/sec
75bits/sec
Rx
0
1
off
1200bits/sec
Tx
1
0
1200bits/sec
off
Rx
1
1
'Zero-Power'
-
[1] If enabled.
In the 'Zero-Power' mode, power is removed from all internal circuitry. When leaving 'Zero-Power' mode there
must be a delay of 20ms before any Tx data is passed to, or Rx data read from, the device to allow the bias
level, filters and oscillator to stabilise. On applying power to the device the mode must be set to 'ZP', i.e.
M0=1, M1=1, until VDD has stabilised.
1.5.3
Rx Input Amplifier
This amplifier is used to adjust the signal received to the correct amplitude for the FSK receiver and Energy
Detect circuits (see section 1.6.1).
1.5.4
Receive Filter and Equaliser
Is used to attenuate out of band noise and interfering signals, especially the locally generated 75bits/sec
transmit tones which might otherwise reach the 1200bits/sec FSK Demodulator and Energy Detector circuits.
This block also includes a switchable equaliser section. When the RXEQ pin is low the overall group delay of
the receive filter is flat over the 1200bits/sec frequency range. If the RXEQ pin is high the receive filter's typical
overall group delay will be as shown in Figure 3.
Figure 3 Rx Equaliser Group Delay (RXEQ = '1') with respect to 1700Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com