Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX604 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX604 Datasheet HTML 6Page - CML Microcircuits FX604 Datasheet HTML 7Page - CML Microcircuits FX604 Datasheet HTML 8Page - CML Microcircuits FX604 Datasheet HTML 9Page - CML Microcircuits FX604 Datasheet HTML 10Page - CML Microcircuits FX604 Datasheet HTML 11Page - CML Microcircuits FX604 Datasheet HTML 12Page - CML Microcircuits FX604 Datasheet HTML 13Page - CML Microcircuits FX604 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
10
D/604/3
Td = Internal FX604 delay; max 1
µs
Tchi = CLK high time; min 1
µs
Tclo = CLK low time; min 1
µs
Figure 6a FSK Operation with Rx Data Retiming
Note that, if enabled, the Data Retiming block may interpret speech or other signals as random characters.
If the Data Retiming facility is not required, the CLK input to the FX604 should be kept high at all times. The
asynchronous data from the FSK Demodulator will then be connected directly to the RXD output pin, and the
RDYN output will not be activated by the FSK signal. This case is illustrated by the example in Figure 6b.
Figure 6b FSK Operation without Rx Data Retiming (CLK always high)
1.5.9
Tx Data Retiming
The Data Retiming block, when enabled in 1200bits/sec transmit mode, requires the controlling
µC to load 1
bit at a time into the device by a pulse applied to the CLK input. The timing of this pulse is not critical and it
may easily be generated by a simple software loop. This facility removes the need for a UART in the
µC
without incurring an excessive software overhead.
The Tx re-timing circuit consists of two 1-bit registers in series, the input of the first is connected to the TXD
pin and the output of the second feeds the FSK modulator. The second register is clocked by an internally
generated 1200Hz signal and when this occurs the CLK input is sampled. If the CLK input is high the TXD pin
directly controls the FSK modulator, if the CLK input is low the FSK modulator is controlled by the output of the
second register and the RDYN pin is pulled low. The RDYN output is reset by a high level on the CLK input
pin. A low to high change on the CLK input pin will latch the data from the TXD input pin into the first register
ready for transfer to the second register when the internal 1200Hz signal next occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com