Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX604 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 1 Page - CML Microcircuits

  FX604 Datasheet HTML 1Page - CML Microcircuits FX604 Datasheet HTML 2Page - CML Microcircuits FX604 Datasheet HTML 3Page - CML Microcircuits FX604 Datasheet HTML 4Page - CML Microcircuits FX604 Datasheet HTML 5Page - CML Microcircuits FX604 Datasheet HTML 6Page - CML Microcircuits FX604 Datasheet HTML 7Page - CML Microcircuits FX604 Datasheet HTML 8Page - CML Microcircuits FX604 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CML Semiconductor Products
V23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
D/604/3 November 1996
Provisional Information
1.0
Features
•• 1200/75 bits/sec Full Duplex V23 compatible Modem with:
•• Optional 75bits/sec Back Channel
•• Optional Line Equalisation
•• Optional 1200bits/sec Data
Retiming Facility
•• -40°C to +85°C Operating
Temperature
•• 3.58MHz Xtal/Clock Rate
•• 16-pin SOIC and DIP Packages
•• 3.0 to 5.5V Supply; 1.0mA typ. at 3V
'Zero-Power' Mode; 1
µµA typ.
•• Conforms to relevant sections of
V23 and ETSI specifications
1.1
Brief Description
The FX604 is a low power CMOS integrated circuit for the reception or transmission of asynchronous
1200bits/sec data in accordance with CCITT V.23 and ETSI specifications. It is also capable of generating the
75bits/sec 'back channel'.
The device incorporates an optional Tx and Rx data retiming function that removes the need for a UART in the
associated
µC when operating at 1200bits/sec. The device can disable the back channel or be operated so
only the mark or space tone is produced. An optional line equaliser is incorporated into the receive path, this is
controlled by an external logic level.
The FX604 may be used in a wide range of telephone telemetry systems. With a low voltage requirement of
3.0V it is suitable for both portable terminal and line powered applications. A very low current 'sleep' mode (1
µ
A typ.) and operating current of 1mA typ. mean the device is ideal for line powered applications. A 3.58MHz
standard Xtal/Clock rate is required and the device operates from a 3.0 to 5.5V supply. Both SOIC (D4) and
Plastic DIL (P3) 16-pin package types are available.


Similar Part No. - FX604

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX604 SANYO-FX604 Datasheet
104Kb / 4P
Ultrahigh-Speed Switching Applications
More results

Similar Description - FX604

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EXM1S MACOM-3EXM1S Datasheet
308Kb / 8P
Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
Molex Electronics Ltd.
43640-0200 MOLEX-43640-0200 Datasheet
220Kb / 2P
MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS
03-06-1091 MOLEX1-03-06-1091 Datasheet
111Kb / 2P
OPTIONAL MOUNTING EARS
logo
CML Microcircuits
FX614 CMLMICRO-FX614 Datasheet
335Kb / 17P
Optional Line Equalisation
logo
ON Semiconductor
NMFAAAA ONSEMI-NMFAAAA Datasheet
60Kb / 10P
Optional Internal Switch
March, 2004 ??Rev. P0
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
Connector types optional
logo
Golledge Electronics Lt...
MCSO1ESW GOLLEDGE-MCSO1ESW Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ESV GOLLEDGE-MCSO1ESV Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ES GOLLEDGE-MCSO1ES Datasheet
551Kb / 4P
Optional tinned pads
logo
Maxim Integrated Produc...
MAX4223EVKIT MAXIM-MAX4223EVKIT Datasheet
55Kb / 4P
Optional Adjustable Gain
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com