Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX604 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX604 Datasheet HTML 9Page - CML Microcircuits FX604 Datasheet HTML 10Page - CML Microcircuits FX604 Datasheet HTML 11Page - CML Microcircuits FX604 Datasheet HTML 12Page - CML Microcircuits FX604 Datasheet HTML 13Page - CML Microcircuits FX604 Datasheet HTML 14Page - CML Microcircuits FX604 Datasheet HTML 15Page - CML Microcircuits FX604 Datasheet HTML 16Page - CML Microcircuits FX604 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
13
D/604/3
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current into or out of VDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
D4 Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
P3 Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
-40
+85
°C
Xtal Frequency
1
3.575965
3.583125
MHz
Notes:
1. A Xtal frequency of 3.579545MHz ±0.1% is required for correct FSK operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com