Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX604 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX604 Datasheet HTML 5Page - CML Microcircuits FX604 Datasheet HTML 6Page - CML Microcircuits FX604 Datasheet HTML 7Page - CML Microcircuits FX604 Datasheet HTML 8Page - CML Microcircuits FX604 Datasheet HTML 9Page - CML Microcircuits FX604 Datasheet HTML 10Page - CML Microcircuits FX604 Datasheet HTML 11Page - CML Microcircuits FX604 Datasheet HTML 12Page - CML Microcircuits FX604 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
9
D/604/3
1.5.8
Rx Data Retiming
This function may be used when the received data consists of 1200bits/sec asynchronous characters, each
character consisting of one start bit followed by a minimum of 9 formatted bits as shown in the table below.
Data bits
Parity bits
Stop bits
7
0
>=2
7
1
>=1
8
0
>=1
8
1
>=1
9
0
>=1
The Data Retiming block, when enabled in receive mode, extracts the first 9 bits of each character following
the start bit from the received asynchronous data stream, and presents them to the
µC under the control of
strobe pulses applied to the CLK input. The timing of these pulses is not critical and they may easily be
generated by a simple software loop. This facility removes the need for a UART in the
µC without incurring an
excessive software overhead.
The receive retiming block consists of two 9-bit shift registers, the input of the first is connected to the output
of the FSK demodulator and the output of the second is connected to the RXD pin. The first register is clocked
by an internally generated signal that stores the 9 received bits following the timing reference of a high to low
transition at the output of the FSK demodulator. When the 9th bit is clocked into the first register these 9 bits
are transferred to the second register, a new stop-start search is initiated and the CLK input is sampled. If the
CLK input is low at this time the RDYN pin is pulled low and the first received bit is output on the RXD pin. The
CLK pin should then be pulsed high 9 times, the first 8 high to low transitions will be used by the device to
clock out the bits in the second register. The RDYN output is cleared the first time the CLK input goes high. At
the end of the 9th pulse the RXD pin will be connected to the FSK demodulator output.
So to use the Data Retiming function, the CLK input should be kept low until the RDYN output goes low; if the
Data Retiming function is not required the CLK input should be kept high at all times.
The only restrictions on the timing of the CLK waveform are those shown in Figure 6a and the need to
complete the transfer of all nine bits into the
µC within the time of a complete character at 1200bits/sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com