Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6XW6 Datasheet(PDF) 4 Page - HB Electronic Components

Part # PLCC6XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6XW6 Datasheet(HTML) 4 Page - HB Electronic Components

  PLCC6XW6 Datasheet HTML 1Page - HB Electronic Components PLCC6XW6 Datasheet HTML 2Page - HB Electronic Components PLCC6XW6 Datasheet HTML 3Page - HB Electronic Components PLCC6XW6 Datasheet HTML 4Page - HB Electronic Components PLCC6XW6 Datasheet HTML 5Page - HB Electronic Components PLCC6XW6 Datasheet HTML 6Page - HB Electronic Components PLCC6XW6 Datasheet HTML 7Page - HB Electronic Components PLCC6XW6 Datasheet HTML 8Page - HB Electronic Components PLCC6XW6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Sep. 2011
Rev.:3
Page 4 of 12
◆
BIN range
Forward voltage (tolerance is ±0.05V @ IF=60mA):
BIN CODE
Min.(V)
Max. (V)
S
2.9
3.0
T
3.0
3.1
U
3.1
3.2
V
3.2
3.3
W
3.3
3.4
X
3.4
3.5
Luminous intensity (tolerance is ±10% @ IF=60mA ):
BIN CODE
Min.(mcd)
Max. (mcd)
N
5270
6200
P
6200
7130
Q
7130
8370
Chromaticity Coordinates & Bin grading diagram(IF=60mA):
D25
D26
D27
D28
D29
D30
D19
D20
D21
D22
D23
D24
D13
D14
D15
D16
D17
D18
D7
D8
D9
D10
D11
D12
D1
D2
D3
D4
D5
D6
0.30
0.32
0.35
0.28
0.29
0.31
0.33
0.34
0.36
0.30
0.35
0.29
0.31
0.44
0.28
0.32
0.33
0.34
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com