Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6XW6 Datasheet(PDF) 10 Page - HB Electronic Components

Part # PLCC6XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6XW6 Datasheet(HTML) 10 Page - HB Electronic Components

Back Button PLCC6XW6 Datasheet HTML 4Page - HB Electronic Components PLCC6XW6 Datasheet HTML 5Page - HB Electronic Components PLCC6XW6 Datasheet HTML 6Page - HB Electronic Components PLCC6XW6 Datasheet HTML 7Page - HB Electronic Components PLCC6XW6 Datasheet HTML 8Page - HB Electronic Components PLCC6XW6 Datasheet HTML 9Page - HB Electronic Components PLCC6XW6 Datasheet HTML 10Page - HB Electronic Components PLCC6XW6 Datasheet HTML 11Page - HB Electronic Components PLCC6XW6 Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Sep. 2011
Rev.:3
Page 10 of 12
◆ Reliability
(1)Test Items and Conditions
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Reflow Soldering
JEITA ED-4701
300 301
A.TA=230±5℃ TIME=30-60S
B.TA=240±5℃ TIME=110-120S
C.TA=260±5℃ TIME=10±1S
D.TA=230±5℃ TIME=30-60S
1 time
0/50
High Temperature
Storage
JEITA ED-4701
200 201
TA=100±5℃
1000 Hrs
0/50
Low Temperature Storage
JEITA ED-4701
200 202
TA=-40±5℃
1000 Hrs
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=85±5℃,RH=90%RH
1000 Hrs
0/50
Thermal Shock Test
JEITA ED-4701
300 307
-40℃
~
100℃
15min 10 Second 15 min
100
Cycles
0/50
Temperature Cycling Test
JEITA ED-4701
100 105
-40℃ ~ 25℃ ~100℃ ~25℃
30min 15min 30min 15min
100
Cycles
0/50
Operating Life Test
MIL-STD-750:1026
MIL-STD-883:1005
JIS C 7021 :B-1
TA=25℃ IF=60mA
1000 Hrs
0/50
(2)Criteria of judging the damage
Item
Symbol
Test Conditions
Criteria for Judgment
Min.
Max.
Forward Voltage
VF
IF =60 mA
---
Initial Data ×1.1
Luminous
Intensity
IV
IF =60 mA
Initial Data × 0.8
---
Reverse Current
IR
VR = 5V
---
≦
50µA
Wave length
λD/λP
IF=Test Current
/
Initial Data±2nm
Appearance
/
View check
No mechanical damage
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com