Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6XW6 Datasheet(PDF) 1 Page - HB Electronic Components

Part # PLCC6XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6XW6 Datasheet(HTML) 1 Page - HB Electronic Components

  PLCC6XW6 Datasheet HTML 1Page - HB Electronic Components PLCC6XW6 Datasheet HTML 2Page - HB Electronic Components PLCC6XW6 Datasheet HTML 3Page - HB Electronic Components PLCC6XW6 Datasheet HTML 4Page - HB Electronic Components PLCC6XW6 Datasheet HTML 5Page - HB Electronic Components PLCC6XW6 Datasheet HTML 6Page - HB Electronic Components PLCC6XW6 Datasheet HTML 7Page - HB Electronic Components PLCC6XW6 Datasheet HTML 8Page - HB Electronic Components PLCC6XW6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Sep. 2011
Rev.:3
Page 1 of 12
·Customer:
Technical Data Sheet
PN:
For: IF=60mA
Contents
1.Features
2.Applications
3.Package dimensions
4.Absolute maximum rating
5.Electrical optical characteristics
6.BIN range
Customer confirm
Approved by
Checked by
Issued by
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
PLCC6XW6
7.Soldering pad dimensions
8.Soldering conditions
9.Package tape specifications
10.Typical electro-optical characteristics curves
11.Reliability
12.Cautions
13.Notes


Similar Part No. - PLCC6XW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC6-0.5W-W3 HB-PLCC6-0.5W-W3 Datasheet
1Mb / 12P
Lens Type
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
Lens Type
logo
Adam Technologies, Inc.
PLCC68AG ADAM-TECH-PLCC68AG Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC68AGSMT ADAM-TECH-PLCC68AGSMT Datasheet
120Kb / 1P
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC68AT ADAM-TECH-PLCC68AT Datasheet
120Kb / 1P
PLCC SOCKETS
More results

Similar Description - PLCC6XW6

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MLPM-6PIN IRF-MLPM-6PIN Datasheet
20Kb / 1P
Package Dimensions
SOT23-5PIN IRF-SOT23-5PIN Datasheet
17Kb / 1P
Package Dimensions
ULTRATHIN-5PIN IRF-ULTRATHIN-5PIN Datasheet
19Kb / 1P
Package Dimensions
TSSOP-8PIN IRF-TSSOP-8PIN Datasheet
18Kb / 1P
Package Dimensions
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
Small package dimensions
logo
HB Electronic Component...
PLCC2XW6 HB-PLCC2XW6 Datasheet
1Mb / 12P
Package dimensions
logo
Galaxy Semi-Conductor H...
DO-213AB BILIN-DO-213AB Datasheet
23Kb / 1P
Package Dimensions
MELF BILIN-MELF Datasheet
27Kb / 1P
Package Dimensions
MINI-MELF BILIN-MINI-MELF Datasheet
25Kb / 1P
Package Dimensions
SOD-123FL BILIN-SOD-123FL Datasheet
21Kb / 1P
Package Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com