Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6XW6 Datasheet(PDF) 11 Page - HB Electronic Components

Part # PLCC6XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6XW6 Datasheet(HTML) 11 Page - HB Electronic Components

Back Button PLCC6XW6 Datasheet HTML 4Page - HB Electronic Components PLCC6XW6 Datasheet HTML 5Page - HB Electronic Components PLCC6XW6 Datasheet HTML 6Page - HB Electronic Components PLCC6XW6 Datasheet HTML 7Page - HB Electronic Components PLCC6XW6 Datasheet HTML 8Page - HB Electronic Components PLCC6XW6 Datasheet HTML 9Page - HB Electronic Components PLCC6XW6 Datasheet HTML 10Page - HB Electronic Components PLCC6XW6 Datasheet HTML 11Page - HB Electronic Components PLCC6XW6 Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Sep. 2011
Rev.:3
Page 11 of 12
◆
Cautions
1、Package
When moisture is absorbed into the package it may vaporize and expand during soldering. There is a
possibility that this can cause exfoliation of the contacts and damage to the optical characteristics of the LEDs.
So the moisture proof package is used to keep moisture to a minimum in the package.
2、Storage
Before opening the package: The LEDs should be kept at 5~30°C and 60%RH or less. The LEDs should
be used within a year.
After opening the package: The LED must be used within 24 hours, else should be kept at 5~30℃ and
30% RH or less. The LEDs should be used within 7days after opening the package. If unused LEDs remain,
they should be stored in moisture proof packages, recommended to return the LEDs to the original moisture
proof bag and to reseal the moisture proof bag again.
If the LEDs have exceeded the storage time, baking treatment should be performed more than 24 hours at
60 ± 5°C.
3、Soldering Iron
Each terminal is to the tip of soldering iron temperature less than 300℃ for 3 seconds within once in less
than the soldering iron capacity 25 W.Leave two seconds and more internals, and do soldering of each
terminal. Be careful because the damage of the product is often started at the time of the hand solder.
4、Repairing
Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
5、The LED electrode sections are comprised of a gold plated. The gold surface may be affected by
environments which contain corrosive gases and so on. Please avoid conditions which may cause the LED to
corrode or discolor. This corrosion or discoloration may cause difficulty during soldering operations. It is
recommended that the User use the LEDs as soon as possible.
6、Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com