Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6XW6 Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC6XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6XW6 Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC6XW6 Datasheet HTML 4Page - HB Electronic Components PLCC6XW6 Datasheet HTML 5Page - HB Electronic Components PLCC6XW6 Datasheet HTML 6Page - HB Electronic Components PLCC6XW6 Datasheet HTML 7Page - HB Electronic Components PLCC6XW6 Datasheet HTML 8Page - HB Electronic Components PLCC6XW6 Datasheet HTML 9Page - HB Electronic Components PLCC6XW6 Datasheet HTML 10Page - HB Electronic Components PLCC6XW6 Datasheet HTML 11Page - HB Electronic Components PLCC6XW6 Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Sep. 2011
Rev.:3
Page 9 of 12
◆
Typical Electro-Optical Characteristics Curves:
Vf(V)
4.4
4.0
3.6
If(mA)
150
120
90
60
30
0
3.2
2.8
2.4
Forward Current vs. Forward Voltage
650
WL(nm)
550
600
1.0
0.8
0.6
0.4
500
0.2
0.0
400
450
150
If(mA)
90
60
30
120
Relative Luminous Intensity vs. Wavelength
80
100
40
0
0
20
60
Maximum Forward Current vs.Ambient Temperature
Ta( ℃)
Relative Luminous Intensity vs. Ambient Temperature
Relative Luminous Intensity vs.Radiation Angle
0%
90°
60°
50%
100%
0.1
0.2
-40
-20
-10
0
0.5
1.0
2.0
90°
30°
0%
50%
100%
40°
0°
20°
10°
30°
70°
80°
60°
50°
)
℃
Ta(
40
20
10
30
80
60
100
Relative Luminous Intensity vs. Forward Current
60
0
0.0
2.0
1.0
3.0
4.0
5.0
If(mA)
120
240
180
300
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com