Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4894G-SM2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA4894G-SM2-R
Description  1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4894G-SM2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA4894G-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 8Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA4894
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-379.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
TYPE
DESCRIPTION
1
SD SELECT
O
(Note)
2
INM
I
Negative differential input
3
SD MODE
I
Shutdown high or low selectivity (Note)
4
INP
I
Positive differential input
5
BYPASS
O
Bypass capacitor pin which provides the common mode voltage
6
OUTB
I
Negative BTL output
7
VM
I
Ground
8
NC
-
No connection
9
VP
I
Positive analog supply of the cell
10
OUTA
I
Positive BTL output
Note: The SD SELECT pin must be toggled to the same state as the SD MODE pin to force the device in shutdown
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com