Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4894G-SM2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA4894G-SM2-R
Description  1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4894G-SM2-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button PA4894G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 8Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 9Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PA4894
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-379.A
APPLICATION INFORMATION
Detailed Description
The UTC PA4894 includes two power amplifiers internally. Two of them provide a controlled gain with external
components RIN and RF; the gain is calculated by the ratios of the resistors. The load is driven differentially through
OUTA and OUTB outputs. This configuration is saving the use of an output coupling capacitor.
The UTC PA4894 is operating on a 2.6V to 5.5V power supply, when VP is 2.6V it delivers 320mW rms output
power to 4.0Ω load, and when VP is 5.0V, it delivered 1.0W rms output power to 8.0Ω load.
Internal Power Amplifier
The internal power amplifier contains output PMOS and NMOS transistors, which is used to deliver the output
power of the specifications without clipping. The channel resistance (RON) of the NMOS and PMOS transistors does
not exceed 0.6Ω when they drive current.
The structure of the internal power amplifier is composed of three symmetrical gain stages, first and medium
gain stages are transconductance gain stages to obtain maximum bandwidth and DC gain.
Turn-On and Turn-Off Transitions
Output power in the load established must be slowly or cut for minimize the click and pop noise during the
transitions between turn-on and turn-off conditions. When shutdown mode is over,, the bypass voltage begins to rise
exponentially and once the output DC level is around the common mode voltage, the turn-on mode is over.
The turn−on time is determined by the following equation (at 25°C):
TON = 0.95×R×CBYP
(CBYP: bypass capacitor R: internal 150 k resistor with a 25% accuracy)
The turned off operation is as the same as the turn-on operation. Through applying a same logic state on the SD
SELECT and SD MODE pins, the system enters this mode. During the shutdown mode, amplifier outputs are
connected to the ground to discharge.
Shutdown Function
When SD SELECT and SD MODE pins are in the same logic state, the system enters shutdown mode. This
brings flexibility to the design, as the SD MODE pin must be permanently connected to VP or GND on the PCB. In
many applications, the output of a microcontroller or microprocessor is connected to the SD SELECT pin, so it is not
better to allow this pin float. During the shutdown state, the DC quiescent current has a typical value of 10nA.
Current Limit Circuit
The current limit circuit protects the device from damage from excessive current. The maximum output power of
the circuit (PO(RMS) =1.0W, VP = 5.0V, RL = 8.0Ω) requires a peak current in the load of 500mA. When short-circuit
occurs between both outputs, the current limit in the load is fixed to 800mA for limiting the excessive power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com