Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4894G-SM2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA4894G-SM2-R
Description  1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4894G-SM2-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button PA4894G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 8Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 9Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 10Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PA4894
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-379.A
APPLICATION INFORMATION(Cont.)
Thermal Overload Protection
When the temperature of the UTC PA4894 is higher than160°C for any reasons, the thermal overload protection
function turns the amplifiers off until the temperature drop below 140°C.
The UTC PA4894 is unity gain stable and requires no external components besides gain setting resistors, an
input coupling capacitor and a proper bypassing capacitor in the typical application. Both internal amplifiers are
externally configurable (RF and RIN) with gain configuration.
The differential ended amplifier has two main benefits compared to single-ended:
* The differential ended amplifier will yield 4 times larger the output power on the load at the same conditions
compared to a single ended amplifier.
* Output pins (OUTA and OUTB) are biased at the same potential VP/2, which is saving the use of an output
coupling capacitor that is required with a single ended amplifier configuration.
The differential closed loop gain of the amplifier is correlated as seen in the following ratio:
)
RMS
(
IN
)
RMS
(
O
IN
F
V
V
=
R
R
=
Avd
VO(RMS): the rms value of the voltage seen by the load
VIN(RMS):the rms value of the input differential signal)
Output power delivered to the load is defined as follows:
L
2
)
PEAK
(
O
)
RMS
(
O
R
×
2
)
V
(
=
P
VO(PEAK) is the peak differential output voltage
When choosing gain configuration to obtain the desired output power, check that the amplifier is not current
limited or clipped.
The maximum current which can be delivered to the load is 500mA
L
)
PEAK
(
O
)
PEAK
(
O
R
V
=
I
Gain−Setting Resistor Selection (RIN and RF)
The UTC PA4894 requires low gain configurations for a better performance. Since the RIN and RF determine the
closed−loop gain of both amplifiers, it is critical to choose both of them.
The low gain configuration minimizes THD + noise values and maximizes the signal to noise ratio, and the
amplifier can still be used without running into the bandwidth limitations.
A closed loop gain in the range from 2 ~ 5 is recommended to optimize overall system performance.
22 kΩ input resistor (RIN)is recommended.
Input Capacitor Selection (CIN)
The input coupling capacitor blocks the DC voltage at the amplifier input terminal. A high−pass filter is generated
by this capacitor and Rin, and the cut−off frequency is defined by the following fomula:
IN
IN
C
C
×
R
×
π
×
2
1
=
f
The size of the capacitor must be large enough to couple in low frequencies without severe attenuation.
However a large input coupling capacitor requires more time to reach its quiescent DC voltage (VP/2) and can
increase the turn−on pops.
An input capacitor value between 0.1μ and 0.39μF is sugguested in most applications.
Bypass Capacitor Selection (CBYP)
To avoid the pop noise, the bapass capacitor should be chosen prompty. The bypass capacitor determines the
rate at which this device starts and it provides half−supply filtering.
A 1.0μF bypass capacitor value (CIN≤ 0.39μF) should produce clickless and popless shutdown transitions. So a
1.0μF bypassing capacitor is recommended to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com