Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4894G-SM2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA4894G-SM2-R
Description  1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4894G-SM2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA4894G-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 8Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PA4894
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-379.A
TYPICAL APPLICATION CIRCUIT
Differential Input
RL
8Ω
CS
1µF
VP
20kΩ
RF1
Cb
1µF
CI1
RIN1
20kΩ
390nF
CI2
RIN2
20kΩ
390nF
SHUTDOWN CONTROL
SD MODE
SD SELECT
STATUS
0
0
1
1
0
1
0
1
SHUTDOWN
ON
ON
SHUTDOWN
20kΩ
RF2
VM
INP
INM
VP
OUTB
Negative Diff
Input from DAC
Positive Diff
Input from DAC
OUTA
SHUTDOWN
CONTROL
BYPASS
SD SELECT
SD MODE
Driving Headphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com