Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4894G-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA4894G-SM2-R
Description  1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4894G-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA4894G-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 8Page - Unisonic Technologies PA4894G-SM2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA4894
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-379.A
1.8 WATT DIFFERENTIAL
AUDIO POWER AMPLIFIER
WITH SELECTABLE
SHUTDOWN
DESCRIPTION
The UTC PA4894 is a differential audio power amplifier,
characterized by its selectable shutdown mode for flexible operation.
Shutdown may be enabled by either logic high or low depending on
the voltage applied on the SD MODE pin and the shutdown mode
features low power consumption.
This device provides customers perfect sound performance by
its high quality audio, moreover, less external components and lower
power dissipation are required.
Operating with a 5.5V power supply, the UTC PA4894 is
capable of driving an 8.0Ω load at a continuous average output of
1.8W under a 10% THD+N. If it works with a 5.0V voltage under the
same load conditions, 1.0W power will be delivered and the
distortion will be less than 0.01%.
The UTC PA4894 incorporates protection circuit to avoid the
click and pop noise, which may occur during the transition state
between turn-on and turn-off.
The UTC PA4894 can be directly connected to a battery without
an LDO since it has perfect PSRR. The UTC PA4894 can be
configured externally with resistors to provide a controlled gain and
with bypass capacitor to provide a controlled turn-on time for more
flexibility.
The UTC PA4894 is suitable for applications, such as portable
electronic devices, PDAs and mobile phones.
MSOP-10
FEATURES
* Differential amplification
* Selectable and low current shutdown
mode
* 1.0W/Ch(typ.)into a 8Ω load @5.0V
* Directly connected to the battery due to
excellent PSRR
* Operation supply: 2.2 V-5.5 V
* External controlled gain and turn-on
time configuration
* Circuits for protection
* Thermal overload protection circuit
* “Click and pop” noise protection circuit
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
PA4894G-SM2-R
MSOP-10
Tape Reel


Similar Part No. - PA4894G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4894G-SM2-R UTC-PA4894G-SM2-R Datasheet
494Kb / 11P
1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
More results

Similar Description - PA4894G-SM2-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
Wide Voltage Range 1.8 Watt Audio Amplifier
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
Wide Voltage Range 1.8 Watt Audio Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com