Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A2053_15 Datasheet HTML 1Page - Texas Instruments TS5A2053_15 Datasheet HTML 2Page - Texas Instruments TS5A2053_15 Datasheet HTML 3Page - Texas Instruments TS5A2053_15 Datasheet HTML 4Page - Texas Instruments TS5A2053_15 Datasheet HTML 5Page - Texas Instruments TS5A2053_15 Datasheet HTML 6Page - Texas Instruments TS5A2053_15 Datasheet HTML 7Page - Texas Instruments TS5A2053_15 Datasheet HTML 8Page - Texas Instruments TS5A2053_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
5
Electrical Characteristics for 3.3-V Supply(1)
V+ = 3 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM,
VNO,
VNC
0
V+
V
ON-state
ron
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
3 V
13.2
Ω
ON-state
resistance
ron
0
≤ (VNO or VNC) ≤ V+,
ICOM = −24 mA,
Switch ON,
See Figure 13
Full
3 V
20
Ω
ON-state
resistance match
∆ron
VNO or VNC = 2.1 V,
Switch ON,
25
°C
3 V
1
Ω
resistance match
between channels
∆ron
VNO or VNC = 2.1 V,
ICOM = −24 mA,
Switch ON,
See Figure 13
Full
3 V
5.5
Ω
ON-state
ron(flat)
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
3 V
5.3
Ω
ON-state
resistance flatness
ron(flat)
0
≤ (VNO or VNC) ≤ V+,
ICOM = −24 mA,
Switch ON,
See Figure 13
Full
3 V
11
Ω
NO, NC
OFF leakage
INO(OFF),
VNO or VNC = 1 V, VCOM = 3 V,
or
Switch OFF,
25
°C
3.6 V
–100
4
100
nA
OFF leakage
current
INO(OFF),
INC(OFF)
NO
NC
COM
or
VNO or VNC = 3 V, VCOM = 1 V,
Switch OFF,
See Figure 14
Full
3.6 V
–200
200
nA
COM
OFF leakage
ICOM(OFF)
VCOM = 1 V, VNO or VNC = 3 V,
or
Switch OFF,
25
°C
3.6 V
–100
−1
100
nA
OFF leakage
current
ICOM(OFF)
COM
NO
NC
or
VCOM = 3 V, VNO or VNC = 1 V,
Switch OFF,
See Figure 14
Full
3.6 V
–200
200
nA
NO, NC
INO(ON),
VNO or VNC = 1 V, VCOM = Open,
or
Switch ON,
25
°C
3.6 V
–100
4.5
100
nA
NO, NC
ON leakage current
INO(ON),
INC(ON)
NO
NC
COM
or
VNO or VNC = 3 V, VCOM = Open,
Switch ON,
See Figure 15
Full
3.6 V
–200
200
nA
COM
ICOM(ON)
VCOM = 1 V, VNO or VNC = Open,
or
Switch ON,
25
°C
3.6 V
–100
−1
100
nA
COM
ON leakage current
ICOM(ON)
COM
NO
NC
or
VCOM = 3 V, VNO or VNC = Open,
Switch ON,
See Figure 15
Full
3.6 V
–200
200
nA
Digital Control Inputs (IN, EN)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
3.6 V
−0.1
0.05
0.1
A
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
3.6 V
−1
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com