Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 14 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TS5A2053_15 Datasheet HTML 10Page - Texas Instruments TS5A2053_15 Datasheet HTML 11Page - Texas Instruments TS5A2053_15 Datasheet HTML 12Page - Texas Instruments TS5A2053_15 Datasheet HTML 13Page - Texas Instruments TS5A2053_15 Datasheet HTML 14Page - Texas Instruments TS5A2053_15 Datasheet HTML 15Page - Texas Instruments TS5A2053_15 Datasheet HTML 16Page - Texas Instruments TS5A2053_15 Datasheet HTML 17Page - Texas Instruments TS5A2053_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
14
PIN DESCRIPTION
PIN
NUMBER
NAME
DESCRIPTION
1
COM
Common
2
EN
Chip enable (active low)
3
GND
Digital ground
4
GND
Digital ground
5
IN
Digital control to connect COM to NC or NO
6
NO
Normally open
7
NC
Normally closed
8
V+
Power supply
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
VNO
Voltage at NO
ron
Resistance between COM and NC or COM and NO ports when the channel is ON
∆ron
Difference of ron between channels in a specific device
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
INC(OFF)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state
INO(OFF)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state
INC(ON)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output (COM)
open
INO(ON)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the output (COM)
open
ICOM(OFF)
Leakage current measured at the COM port, with the corresponding channel (COM to NO or COM to NC) in the OFF state and
the output (NC or NO) open
ICOM(ON)
Leakage current measured at the COM port, with the corresponding channel (COM to NO or COM to NC) in the ON state and
the output (NC or NO) open
VIH
Minimum input voltage for logic high for the control input (IN, EN)
VIL
Maximum input voltage for logic low for the control input (IN, EN)
VI
Voltage at the control input (IN, EN)
IIH, IIL
Leakage current measured at the control input (IN, EN)
tON
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay
between the digital control (IN) signal and analog output (COM, NC, or NO) signal when the switch is turning ON.
tOFF
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay
between the digital control (IN) signal and analog output (COM, NC, or NO) signal when the switch is turning OFF.
QC
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO, or COM)
output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input.
Charge injection, QC = CL × ∆VCOM, CL is the load capacitance and ∆VCOM is the change in analog output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com