Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 12 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS5A2053_15 Datasheet HTML 8Page - Texas Instruments TS5A2053_15 Datasheet HTML 9Page - Texas Instruments TS5A2053_15 Datasheet HTML 10Page - Texas Instruments TS5A2053_15 Datasheet HTML 11Page - Texas Instruments TS5A2053_15 Datasheet HTML 12Page - Texas Instruments TS5A2053_15 Datasheet HTML 13Page - Texas Instruments TS5A2053_15 Datasheet HTML 14Page - Texas Instruments TS5A2053_15 Datasheet HTML 15Page - Texas Instruments TS5A2053_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
12
TYPICAL PERFORMANCE (continued)
0
2
4
6
8
10
12
14
16
18
Figure 4. Leakage Current vs Temperature
(V+ = 5.5 V)
−40
°C25°C85°C
INO(OFF)/ICOM(OFF)
INO(OFF),COMHI/INC(OFF)
INC(OFF),COMHI
INC(ON)
ICOM(ON)
INO(ON)
ICOM(ON),com>NO
TA (5C)
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
0123456
Figure 5. Charge Injection (QC) vs VCOM
Bias Voltage (V)
VCC = 3.3 V
VCC = 5 V
0
2
4
6
8
10
12
14
Figure 6. tON and tOFF vs V+
Supply Voltage (V)
tON
tOFF
1.65
2.3
2.95
3.6
4.25
4.9
5.55
0
1
2
3
4
5
6
Figure 7. tON and tOFF vs Temperature (V+ = 5 V)
TA (5C)
−40
°C25°C85°C
tOFF
tON
Figure 8. Logic Threshold vs V+
V+ (V)
VIL
VIH
TA = 255C
3.5
2.6
4.1
5.1
2.1
3.6
4.6
5.6
3.1
1.6
3
2.5
2
1.5
1
0.5
0
−60
−50
−40
−30
−20
−10
0
Figure 9. Bandwidth (V+ = 5 V)
Frequency (MHz)
−6
−5
−4
−3
−2
−1
0
0.1
1
1000
10
100
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com