Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 17 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TS5A2053_15 Datasheet HTML 13Page - Texas Instruments TS5A2053_15 Datasheet HTML 14Page - Texas Instruments TS5A2053_15 Datasheet HTML 15Page - Texas Instruments TS5A2053_15 Datasheet HTML 16Page - Texas Instruments TS5A2053_15 Datasheet HTML 17Page - Texas Instruments TS5A2053_15 Datasheet HTML 18Page - Texas Instruments TS5A2053_15 Datasheet HTML 19Page - Texas Instruments TS5A2053_15 Datasheet HTML 20Page - Texas Instruments TS5A2053_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
17
V+
GND
VBIAS
VI
VI = VIH or VIL
VBIAS = V+ or GND
Capacitance is measured at NC,
NO, COM, EN and IN inputs
during ON and OFF conditions.
Capacitance
Meter
VCOM
VNO
VNC
COM
NO
NC
IN or EN
Figure 16. Capacitance (CI, CCOM(OFF), CCOM(ON), CNC(OFF), CNO(OFF), CNC(ON), CNO(ON))
CL(2)
RL
VCOM
V+
GND
NC or NO VNC or VNO
VI
NC or NO
COM
Logic
Input(1)
300
Ω
RL
CL
35 pF
tON
TEST
300
Ω
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
(VNC orVNO)
0
CL(2)
RL
IN or EN
(3)
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
(3) See Electrical Characteristics for VCOM.
Figure 17. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
NC
VI
NO
COM
50
W
50
W
VNC
VCOM
Channel ON: NC to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
+
VI = V+ or GND
IN or EN
Figure 18. Bandwidth (BW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com