Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 2 Page - Texas Instruments

  TS5A2053_15 Datasheet HTML 1Page - Texas Instruments TS5A2053_15 Datasheet HTML 2Page - Texas Instruments TS5A2053_15 Datasheet HTML 3Page - Texas Instruments TS5A2053_15 Datasheet HTML 4Page - Texas Instruments TS5A2053_15 Datasheet HTML 5Page - Texas Instruments TS5A2053_15 Datasheet HTML 6Page - Texas Instruments TS5A2053_15 Datasheet HTML 7Page - Texas Instruments TS5A2053_15 Datasheet HTML 8Page - Texas Instruments TS5A2053_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
2
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Tape and reel
TS5A2053YEPR
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
Tape and reel
TS5A2053YZPR
SSOP − DCT
Tape and reel
TS5A2053DCTR
JAF_ _ _
VSSOP − DCU
Tape and reel
TS5A2053DCUR
JAF_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character
to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
= Pb-free).
Absolute Minimum and Maximum Ratings(1)(2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
−0.5
6.5
V
VNO
VNC
VCOM
Analog voltage range(3)(4)(5)
−0.5
V+ + 0.5
V
IK
Analog port diode current
VNC, VNO, VCOM < 0 or VNO, VNC, VCOM > V+
−50
50
mA
INO
INC
ICOM
On-state switch current
VNC, VNO, VCOM = 0 to V+
−50
50
mA
VI
Digital input voltage range(3)(4)
−0.5
6.5
V
IIK
Digital input clamp current
VI < 0
−50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
−100
mA
(6)
DCT package
220
θJA
Package thermal impedance(6)
DCU package
227
°C/W
θJA
Package thermal impedance(6)
YEP/YZP package
102
C/W
Tstg
Storage temperature range
−65
150
°C
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified
is not implied.
(2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3) All voltages are with respect to ground, unless otherwise specified.
(4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5) This value is limited to 5.5 V maximum.
(6) The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com