Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8615L-S28-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UH8615L-S28-R
Description  HID LAMP CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615L-S28-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UH8615L-S28-R Datasheet HTML 1Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 2Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 3Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 4Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 5Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 6Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 7Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 8Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UH8615
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R118-019.a
PIN CONFIGURATION
5VREF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
FB
COMP
N/C
BAT
ISENSEIN
DIVPAUSE
OSC
GND
PWMOUT
BOOST
PUMPOUT
VCC
QOUT
NOTON
FLT
FLTC
VO(SENSE)
ISET
QOUT
ADJ
LPOWER
WARMUPV
LOADISENSE
N/C
WARMUPC
SLOPEC
BYPASS
PIN FUNCTION DESCRIPTIONS
PIN NO.
FUNCTION
DESCRIPTION
1
BYPASS
The UTC UH8615 compensates for lamp temperature changes by varying the voltage
on the WARMUPC and SLOPEC capacitors. As the lamp warms up these two voltages
rises. And an internal circuit will calculate what power should be applied to the lamp.
When the HID lamp is turned off, the lamp will cool down at a certain rate, the two
voltage on the WARMUPC and SLOPEC capacitors should also discharge at a similarly
rate. In this way, if the lamp is restarted before the lamp is fully cooled down, the
controller will estimate the temperature of the lamp at the same time. So the correct
power for the lamp can be calculated.
A large capacitor connected to BYPASS supply the power for controlling the discharge
of the two capacitors. The value of the capacitor can be estimated by the following
formula:
Assuming a maximum BYPASS current of 5uA, a discharge time of 60s, and a
maximum allowable droop of 5V, the capacitor should be 60uF.
2
SLOPEC
SLOPEC and WARMUPC is connected to capacitors to track lamp cool down and
warm-up. The capacitor connected to SLOPEC charges up to 5V with a rate controlled
by the resistor connected to the ISET. When VCC is power off, SLOPEC discharges at a
current of 100nA.
3
WARMUPC
the lamp temperature is estimated not only by the capacitor from SLOPEC to GND but
also by the voltage on a capacitor from WARMUPC to GND. This capacitor is charged
by a 200nA current source to 4.2V and by a 100nA current source from 4.2V to 10V
when the lamp is on, and discharged by 39nA current sink to 2.5V and 11nA current sink
to GND when the lamp is off.
5
LOADISENSE
Lamp current regulation to supply correct lamp power at every lamp temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com