Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8615L-S28-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UH8615L-S28-R
Description  HID LAMP CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615L-S28-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UH8615L-S28-R Datasheet HTML 1Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 2Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 3Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 4Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 5Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 6Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 7Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 8Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UH8615
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R118-019.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TIMING CAPACITOR SECTION (Cont.)
WARMUPC Voltage, Charging
V(WARMUPC) IWARMUPC = -250nA
2.9
3.8
3.6
V
WARMUPC Voltage, Discharging
V(WARMUPC)
IWARMUPC = 25nA, VCC = 0V,
BOOST = 0V, BYPASS = 8V
1.5
1.9
2.3
V
WARMUPV Voltage
V(WARMUPV)
WARMUPC = 1V
0.05
0.125
0.25
V
WARMUPC = 2V
0.09
1.00
1.5
V
WARMUPC = 3V
2.3
2.48
2.66
V
WARMUPC = 5V
4.5
4.8
5.25
V
WARMUPC = 10V
4.5
4.8
5.25
V
BYPASS Voltage
V(BYPASS) VCC = 0V
8.8
9.6
V
BYPASS Current
I(BYPASS)
VCC = 0V, BOOST = 0V,
BYPASS = 8V
2.5
7
μA
ADJ Bias Current
I(BIAS)
VADJ = 0V
-38
-20
-12
μA
SLOPEC Discharge Current
I(DISCHARGE)
SLOPEC = 2.2V, VCC = 0V,
BOOST = 0V, BYPASS = 8V
40
300
nA
WARMUPC Charge Current
I(CHANGE)
WARMUPC = 0V
-525
-375
-275
nA
WARMUPC = 2V
-525
-375
-300
nA
WARMUPC = 6V
-300
-75
nA
WARMUPC Discharge Current
I(DISCHARGE)
WARMUPC = 5V, VCC = 0V,
BOOST = 0V, BYPASS = 8V
23
50
200
nA
WARMUPC = 1V, VCC = 0V,
BOOST = 0V, BYPASS = 8V
5
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com