Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8615L-S28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH8615L-S28-R
Description  HID LAMP CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615L-S28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH8615L-S28-R Datasheet HTML 1Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 2Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 3Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 4Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 5Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 6Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 7Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 8Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH8615
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R118-019.a
HID LAMP CONTROLLER
DESCRIPTION
The UTC UH8615 is suit for all lighting applications where HID
lamps are select, and designed for the demanding of fast turn on
requirements of automobile headlamps.
It integrates all of the functions required to control and drive
one HID lamp. A complete current mode pulse width modulation,
total fault protection, a lamp power regulator and temperature
compensation are integrated.
FEATURES
* Current Mode Control
* Fixed Frequency Operation
* Regulates Lamp Power and Temperature Compensation.
* High Current FET Drive Output
* Over-Current Protection.
* Over-Voltage Protection.
* Open and Short Protection.
* Operates Over Wide Battery Voltage Range: 5V ~ 18V
ORDERING INFORMATION
Order Number
Package
Packing
UH8615L-D28-T
DIP-28
Tube
UH8615L-S28-R
SOP-28
Tape Reel
MARKING
DIP-28
SOP-28


Similar Part No. - UH8615L-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
152Kb / 4P
HALL EFFECT MICRO SWITCH IC
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
195Kb / 4P
Hall Effect Micro Switch IC
UH8013L-AE3-R UTC-UH8013L-AE3-R Datasheet
152Kb / 4P
HALL EFFECT MICRO SWITCH IC
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8100AG-AE3-R UTC-UH8100AG-AE3-R Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UH8615L-S28-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
HID Lamp DII Sockets
logo
Texas Instruments
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
HID Lamp Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
HID Ballast for 70W Lamp Using the IRS2573D
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
HID LAMP CONTROLLER
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
HID Lamp Controller
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
USB HID to Serial Bridge Controller
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
USB HID to I2C Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
USB HID to SPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com