Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8615L-S28-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UH8615L-S28-R
Description  HID LAMP CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615L-S28-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UH8615L-S28-R Datasheet HTML 1Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 2Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 3Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 4Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 5Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 6Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 7Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 8Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UH8615
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R118-019.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
8.0
V
BOOST Supply Voltage
VCC(BOOST)
12.0
V
Input Voltage, Any Input
VIN
-0.3 ~ +10.0
V
PWMOUT Current, Peak
I(PEAK)
1.0
 
A
Output Current, QOUT, QOUT, FLT
IOUT
10.0
 
mA
Output Current, 5VREF, LPOWER, COMP
IOUT
10.0
 
mA
ISET Current
-1.0
mA
PWMOUT Energy, Capacitive Load
5.0
μJ
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1.All voltages with respect to GND. Currents are positive into, negative out of the specified terminal. Consult
Packaging Section of Databook for thermal limitations and considerations of packages.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, VCC = 6.6V, ISET = 100kΩ to GND, ADJ = 100kΩ to GND, OSC = 200pF to GND, BAT = 4V,
LOADISENSE connected to LPOWER, VO(SENSE) = 0.666V, BOOST = 10.5V, COMP connected to FB through a
100kΩ resistor, -40°C <TA< +105°C, and TA =TJ. )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OVERALL SECTION
BOOST Threshold to PUMP
Stop
VBOOST(STOP)
9.1
9.6
10.2
V
Start
VBOOST(START)
9.2
9.7
10.3
V
BOOST Threshold to PWMOUT
5.7
6.0
7.1
V
VCC Supply Current
ICC
0.1
1.0
mA
BOOST Supply Current
ICC
3.0
5.0
mA
BATTERY SECTION
BAT Threshold to PWMOUT
Stop
VBAT(STOP)
4.7
5.0
5.3
V
Start
VBAT(START)
4.15
4.8
5.0
V
BAT Input Current
II(BAT)
BAT = 4V
-1
1
μA
OSCILLATOR & DIVIDER SECTION
DIVPAUSE Threshold
Pause
VPAUSE
1.1
1.5
1.9
V
Divide
VDIVIDE
0.8
1.2
1.6
V
OSC Pull - Up Current
I(OSC)
OSC = 1.5V
-70
-50
-40
μA 
DIVPAUSE Input Current
IIN
0V < DIVPAUSE < 6V
-8
-5
-1
μA
OSC Frequency
F(OSC)
80
100
120
kHz
REFERENCE SECTION
5VREF Voltage
4.85
5.0
5.1
V
ISET Voltage
4.8
5.0
5.2
V
ERROR AMPLIFIER SECTION
FB Voltage
VFB
2.4
2.5
2.6
V
FB Sink Current
ISINK
VOUTSENSE = 4V, FB = 4V
0.3
1.5
mA
COMP Current
Source
ISOURCE
FB = 2V, COMP = 4V
-3.0
-0.2
mA
Sink
ISINK
FB = 3V, COMP = 1V
0.2
1.0
mA
FB Input Current
II(FB)
-1
0
1
μA 
FB Release Delay
VOUTSENSE Step from 4V ~ 1V
15
30
43
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com