Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8615L-S28-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UH8615L-S28-R
Description  HID LAMP CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615L-S28-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UH8615L-S28-R Datasheet HTML 1Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 2Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 3Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 4Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 5Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 6Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 7Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 8Page - Unisonic Technologies UH8615L-S28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UH8615
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R118-019.a
BLOCK DIAGRAM
delay
OSC
T Q
7 Bit Divider
T
Q
Q
50K
X1
100kHz
R
S
R
R
R
R
Q
5V
10V
+
-
X10
+
-
-
+
-
+
-
83mV
2.5V
2V
+
-
5V
5V
0.5V
0.82V
X1
0.268V
-
+
4.2V
10V
200nA
100nA
11nA
39nA
2.5V
0V
5V
+
-
Reference
+
-
Master
Bias
To Current Sinks
R S
Q
5.6V From
Boost
+
-
OSC
5V
250nA
BOOST
ISENSEIN
COMP
FB
VOUT SENSE
SLOPEC
LOAD ISENSE
LPOWER
WARMUPC
ADJ
5VREF
ISET
BYPASS
VCC
GND
WARMUPV
FLT
FLTC
NOTON
PWMOUT
QOUT
QOUT
PUMPOUT
50µA
IC Power
50k
390Hz
100nA
50nA
83k
10k
DIVPAUSE 24- BAT
20nA
VCC
15
9
17
19
12
14
13
6
20
16
1
10
28
8
3
7
5
2
11
27
26
23
18
21
24
22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com