Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5002MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002MA/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5002MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM5002
www.ti.com
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
76V
SW to GND (Steady State)
-0.3V to 76V
VCC, EN to GND
14V
COMP, FB, RT to GND
-0.3V to 7V
Maximum Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
ESD Rating(3)
Human Body Model
2kV
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. Test Method is per JESD-22-A114.
Operating Conditions
VIN
3.1V to 75V
Operating Junction Temperature
−40°C to +125°C
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VVIN = 10V, RRT = 48.7kΩ unless
otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STARTUP REGULATOR
VVCC-REG
VCC Regulator Output
6.55
6.85
7.15
V
VCC Current Limit
VVCC = 6V
15
20
mA
VCC UVLO Threshold
VVCC increasing
2.6
2.8
3
V
VCC Undervoltage Hysteresis
0.1
V
Bias Current (IIN)
VFB = 1.5V
3.1
4.5
mA
IQ
Shutdown Current (IIN)
VEN = 0V
95
130
µA
EN THRESHOLDS
EN Shutdown Threshold
VEN increasing
0.25
0.45
0.65
V
EN Shutdown Hysteresis
0.1
V
EN Standby Threshold
VEN increasing
1.2
1.26
1.32
V
EN Standby Hysteresis
0.1
V
EN Current Source
6
µA
MOSFET CHARACTERISTICS
MOSFET RDS(ON) plus
ID = 0.25A
850
1600
m
Ω
Current Sense Resistance
MOSFET Leakage Current
VSW = 75V
0.05
5
µA
MOSFET Gate Charge
VVCC = 6.9V
2.4
nC
CURRENT LIMIT
ILIM
Cycle by Cycle Current Limit
0.4
0.5
0.6
A
Cycle by Cycle Current Limit Delay
100
200
ns
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com