Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5002MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002MA/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5002MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
EN
LM5002
VPWR
STANDBY
R2
OFF
OFF
STANDBY
R1
1.26V
0.45V
EN
LM5002
Disable PWM Controller
R1
Disable VCC Regulator
VIN
1.26V
0.45V
6 PA
VPWR
R2
R2 =
1.26V
IDIVIDER + 6 PA
R1 =
VPWR - 1.26V
IDIVIDER
LM5002
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
www.ti.com
(2)
where
•
VPWR is the desired turn-on voltage
•
IDIVIDER is an arbitrary current through R1 and R2
(3)
For example, if the LM5002 is to be enabled when VPWR reaches 16V, IDIVIDER could be chosen as 501 µA which
would set R1 to 29.4 k
Ω and R2 to 2.49 kΩ. The voltage at the EN pin should not exceed 10V unless the current
into the 6V protection Zener diode is limited below 4 mA. The EN pin voltage should not exceed 14V at any time.
Be sure to check both the power and voltage rating (some 0603 resistors are rated as low as 50V) for the
selected R1 resistor.
Figure 18. Basic EN (UVLO) Configuration
Remote configuration of the controller’s operational modes can be accomplished with open drain device(s)
connected to the EN pin as shown in Figure 19. A MOSFET or an NPN transistor connected to the EN pin can
force the regulator into the low power ‘off’ state. Adding a PN diode in the drain (or collector) provides the offset
to achieve the standby state. The advantage of standby is that the VCC LDO is not disabled and external
circuitry powered by VCC remains functional.
Figure 19. Remote Standby and Disable Control
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com