Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5002MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002MA/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5002MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5002
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VVIN = 10V, RRT = 48.7kΩ unless
otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OSCILLATOR
FSW1
Frequency1
RRT = 48.7 kΩ
225
260
295
KHz
FSW2
Frequency2
RRT = 15.8 kΩ
660
780
900
KHz
VRT-SYNC
SYNC Threshold
2.2
2.6
3.2
V
SYNC Pulse Width Minimum
VRT > VRT-SYNC + 0.5V
15
ns
PWM COMPARATOR
Maximum Duty Cycle
80
85
90
%
Min On-time
VCOMP > VCOMP-OS
25
ns
Min On-time
VCOMP < VCOMP-OS
0
ns
VCOMP-OS
COMP to PWM Comparator Offset
0.9
1.30
1.55
V
ERROR AMPLIFIER
VFB-REF
Internal reference
Feedback Reference Voltage
1.241
1.260
1.279
V
VFB = VCOMP
FB Bias Current
10
nA
DC Gain
72
dB
COMP Sink Current
VCOMP = 250mV
2.5
mA
COMP Short Circuit Current
VFB = 0, VCOMP = 0
0.9
1.2
1.5
mA
COMP Open Circuit Voltage
VFB = 0
4.8
5.5
6.2
V
COMP to SW Delay
42
ns
Unity Gain Bandwidth
3
MHz
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
20
°C
THERMAL RESISTANCE
θJC
Junction to Case, SOIC-8
32
°C/W
θJA
Junction to Ambient, SOIC-8
140
°C/W
θJC
Junction to Case, WSON-8
4.5
°C/W
θJA
Junction to Ambient, WSON-8
40
°C/W
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com