Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5002MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002MA/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5002MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM5002
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
www.ti.com
Application Circuit Examples
The following schematics present examples of a Non-Isolated Flyback, Isolated Flyback, Boost, 24V SEPIC and
a 12V Automotive range SEPIC converters utilizing the LM5002 switching regulator.
NON-ISOLATED FLYBACK
The Non-Isolated Flyback converter (Figure 21) utilizes the internal voltage reference for the regulation setpoint.
The output is +5V at 500mA while the input voltage can vary from 16V to 42V. The switching frequency is set to
250kHz. An auxiliary winding on transformer (T1) provides 7.5V to power the LM5002 when the output is in
regulation. This disables the internal high voltage VCC LDO regulator and improves efficiency. The input under-
voltage threshold is 13.9V. The converter can be shut down by driving the EN input below 1.26V with an open-
collector or open-drain transistor. An external synchronizing frequency can be applied to the SYNC input. An
optional soft-start circuit is connected to the COMP pin input. When power is applied, the soft-start capacitor (C7)
is discharged and limits the voltage applied to the PWM comparator by the internal error amplifier. The internal
~5 k
Ω COMP pull-up resistor charges the soft-start capacitor until regulation is achieved. The VCC pull-up
resistor (R7) continues to charge C7 so that the soft-start circuit will not affect the compensation network in
normal operation. If the output capacitance is small, the soft-start circuit can be adjusted to limit the power-on
output voltage overshoot. If the output capacitance is sufficiently large, no soft-start circuit is needed because the
LM5002 will gradually charge the output capacitor by current limiting at approximately 500mA (ILIM) until
regulation is achieved.
ISOLATED FLYBACK
The Isolated Flyback converter (Figure 22) utilizes a 2.5V voltage reference (LM431) located on the isolated
secondary side for the regulation setpoint. The LM5002 internal error amplifier is disabled by grounding the FB
pin. The LM431 controls the current through the opto-coupler LED, which sets the COMP pin voltage. The R4
and C3 network boosts the phase response of the opto-coupler to increase the loop bandwidth. The output is
+5V at 500mA and the input voltage ranges from 16V to 42V. The switching frequency is set to 250kHz.
BOOST
The Boost converter (Figure 23) utilizes the internal voltage reference for the regulation setpoint. The output is
+48V at 125 mA, while the input voltage can vary from 16V to 36V. The switching frequency is set to 250kHz.
The internal VCC regulator provides 6.9V bias power, since there isn’t a simple method for creating an auxiliary
voltage with the boost topology. Note that the boost topology does not provide output short-circuit protection
because the power MOSFET cannot interrupt the path between the input and the output.
24V SEPIC
The 24V SEPIC converter (Figure 24) utilizes the internal voltage reference for the regulation setpoint. The
output is +24V at 125 mA while the input voltage can vary from 16V to 48V. The switching frequency is set to
250kHz. The internal VCC regulator provides 6.9V bias power for the LM5002. An auxiliary voltage can be
created by adding a winding on L2 and a diode into the VCC pin.
12V AUTOMOTIVE SEPIC
The 12V Automotive SEPIC converter (Figure 25) utilizes the internal bandgap voltage reference for the
regulation setpoint. The output is +12V at 25 mA while the input voltage can vary from 3.1V to 60V. The output
current rating can be increased if the minimum VIN voltage requirement is increased. The switching frequency is
set to 750kHz. The internal VCC regulator provides 6.9V bias power for the LM5002. The output voltage can be
used as an auxiliary voltage if the nominal VIN voltage is greater than 12V by adding a diode from the output into
the VCC pin. In this configuration, the minimum input voltage must be greater than 12V to prevent the internal
VCC to VIN diode from conducting. If the applied VCC voltage exceeds the minimum VIN voltage, then an
external blocking diode is required between the VIN pin and the power source to block current flow from VCC to
the input supply.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com