Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5002MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002MA/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5002MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 18Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 19Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
VIN
RT
EN
GND
SW
FB
COMP
VCC
VIN = 3.1V ± 60V
VOUT = 12V
IOUT = 25 mA
C1
2.2 PF
C2
1 PF
C6
22 éF
D2
C5
0.015 PF
R1
15.8k
R2
11.5k
R3
11.5k
R4
1.33k
L1
100 PH
L2
100 PH
C3
4.7 PF
C4
150 pF
NC
VIN
RT
EN
GND
SW
FB
COMP
VCC
VIN = 16V ± 48V
VOUT = 24V
IOUT = 125 mA
C1
4.7 PF
C2
1 PF
C6
22éF
D2
C5
0.015 PF
R1
60.4k
R2
6.04k
R3
52.3k
R4
11.5k
R5
11.5k
R6
634
L1
470 PH
L2
470 PH
C3
10 PF
C4
150 pF
LM5002
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
www.ti.com
Figure 24. 24V SEPIC
Figure 25. 12V SEPIC
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com